Electronic Components Datasheet Search
  English  ▼

X  

TLE6214L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6214L Datasheet HTML 1Page - Infineon Technologies AG TLE6214L Datasheet HTML 2Page - Infineon Technologies AG TLE6214L Datasheet HTML 3Page - Infineon Technologies AG TLE6214L Datasheet HTML 4Page - Infineon Technologies AG TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Datasheet TLE 6214 L
V3.0
Page
18.10.2004
1
SCLK
VS
OUT1
OUT2
Normal function
SCB/Overload
Open load
Short to ground
Output Stage
SO / ST2
GND
Channel 2
SPI
Interface
8 bit
Overtemperature
Channel 1
GND
IS1/ IS2/
Fault / ST1
IN2
IN1
SI
M ux
CS
Smart Dual Current Sense Switch
Basic Features
Product Summary
• Overload Protection
• DMOS Overtemperature protection
• Overvoltage protection
• Open load detection
• Current limitation
• Low quiescent current mode
• 3,3V µC compatible input
• Electrostatic discharge (ESD) protection
Specific Features
• Proportional load current sense
• IC Overtemperature warning
• 8-Bit SPI (for diagnosis and control)
• Short to GND detection
• Programmable overload behaviour
General Description
Dual Current Sense Low-Side Switch in Smart Power Technology (SPT) with two open drain DMOS
output stages. The TLE 6214 L is protected by embedded protection functions and designed for auto-
motive applications. The output stages can be controlled directly by parallel inputs for PWM applica-
tions (e.g. Oxygen Probe Heater, Stepper Motor) or by SPI. All output stages can provide a load current
proportional sense signal. Diagnosis is done by an 8 bit SPI or by one status output per channel.
Block Diagram
Supply voltage
VS
4.5 – 5.5 V
Drain source voltage
VDS(AZ)
48 - 60
V
On resistance
RON
0.18
Ω
P-DSO-12-4
Ordering Code :
Q67007-A9698


Similar Part No. - TLE6214L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L Datasheet
344Kb / 17P
Smart Dual Current Sense Switch
25.06.2003
More results

Similar Description - TLE6214L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
Smart Sense High-Side Power Switch
2003-Oct-01
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
TLE6214L INFINEON-TLE6214L Datasheet
344Kb / 17P
Smart Dual Current Sense Switch
25.06.2003
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
Smart Sense High-Side Power Switch
V1.1, 2008-19-08
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
logo
International Rectifier
AUIPS7142G IRF-AUIPS7142G_15 Datasheet
154Kb / 17P
DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com