Electronic Components Datasheet Search
  English  ▼

X  

TLE6214L Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG TLE6214L Datasheet HTML 10Page - Infineon Technologies AG TLE6214L Datasheet HTML 11Page - Infineon Technologies AG TLE6214L Datasheet HTML 12Page - Infineon Technologies AG TLE6214L Datasheet HTML 13Page - Infineon Technologies AG TLE6214L Datasheet HTML 14Page - Infineon Technologies AG TLE6214L Datasheet HTML 15Page - Infineon Technologies AG TLE6214L Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Datasheet TLE 6214 L
V3.0
Page
18.10.2004
12
Diagnostic Table
In general the status follows the input signal in normal operating conditions.
If any error is detected the status is inverted.
Operating Condition
Control
Input
Power
Output
Filter
time
Status
Output
FAULT
Output
SPI diagnostic
feedback
Channel
Diagnostic
bits
MSB
LSB
Channel
overtemp
. flag
Sleep Mode
X
off
L
H
-
-
-
Normal function
L
H
off
on
L
H
H
H
H
H
H
H
L
L
Short to ground1)
“off”
L
H
off
on
td(fault)
td(fault)
H
L
L
L
L
L
L
H
L
L
Open load1)
“off”
Under current1)
“on”
L
H
off
on
td(fault)
td(fault)
H
L
L
L
L
H
L
H
L
L
Overload or short to supply1)
(Current limit 1 / Limitation)
H
on
td(fault)
L
L
H
L
L
Overload or short to supply2)
(Current limit 2 / Shutoff)
H
off
td(off)
L
L
H
L
L
Overtemperature
(Restart mode)
H
off 3)
no
L
L
H
L
H
Overtemperature
(Latch mode)
H
off 4)
no
L
L
H
L
H
Note 1) Short to ground/open load/ under current /overload/short-to-supply - events shorter than min.
time td(fault) will not be latched and not reported at the diagnosis pins.
Note 2) Overload/short-to-supply - events shorter than min. time td(off) will not be latched and not
reported at the diagnosis pins.
Note 3) Off as long as overtemperature occurs, restart after cooling down.
Note 4) Shutdown latch reset by falling input edge
Analog Current Sensing :
The TLE6214L provides an analog current sensing function for both output channels. By SPI configura-
tion the multifunctional pin CO1 can sink a sense current proportional to the load current of one/ both of
the two output channels1). The specified current range and accuracy is described in the electrical char-
acteristics “5.Analog Current Sense Output”. To achieve the specified accuracy for current sensing the
voltage at the CO1 pin must always be UCO1 ≥ 2V.
The specified current sense temperature deviation is related to the typical 25°C
1)
At a low load current (<<200mA) and IC configured for current sense function an offset current at the CO1 occurs (typ. IS= 40µA @ ID=0A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com