Electronic Components Datasheet Search
  English  ▼

X  

TLE8104E Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8104E
Description  Smart Quad Channel Powertrain Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8104E Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8104E Datasheet HTML 8Page - Infineon Technologies AG TLE8104E Datasheet HTML 9Page - Infineon Technologies AG TLE8104E Datasheet HTML 10Page - Infineon Technologies AG TLE8104E Datasheet HTML 11Page - Infineon Technologies AG TLE8104E Datasheet HTML 12Page - Infineon Technologies AG TLE8104E Datasheet HTML 13Page - Infineon Technologies AG TLE8104E Datasheet HTML 14Page - Infineon Technologies AG TLE8104E Datasheet HTML 15Page - Infineon Technologies AG TLE8104E Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Data Sheet
12
V1.4, 2010-04-26
TLE8104E
Smart Quad Channel Powertrain Switch
Electrical and Functional Description of Blocks
5.3.3
Inductive Output Clamp
When switching off inductive loads, the potential at pin OUT rises to VDS(CL), as the inductance continues to drive
current. The inductive output clamp is necessary to prevent destruction of the device. See Figure 6 for details.
The maximum allowed load inductance and current, however, are limited.
Figure 6
Inductive Output Clamp
Maximum Load Inductance
During demagnetization of inductive loads, energy has to be dissipated in the TLE8104E. This energy can be
calculated with following equation:
The equation simplifies under the assumption of RL = 0:
The energy, which is converted into heat, is limited by the thermal design of the component.
5.3.4
Protection Functions
The TLE8104E provides embedded protective functions. Integrated protection functions are designed to prevent
IC destruction under fault conditions described in this data sheet. Fault conditions are considered “outside” the
normal operating range. Protection functions are not designed for continuous repetitive operation.
Over load and over temperature protections are implemented in the TLE8104E. Figure 7 gives an overview of the
protective functions.
Figure 7
Protection Functions
V
bat
I
D
V
DS(CL)
OUT
V
DS
GND
L,
R
L
EVDS(CL)
Vbat V
–
DS(CL)
RL
------------------------------------- ln
⋅
1
RL ID
⋅
Vbat V
–
DS(CL)
-------------------------------------
–



ID
+
L
RL
------
⋅⋅
=
E
1
2
---
LID
2
1
Vbat
Vbat V
–
DS(CL)
-------------------------------------
–



⋅
=
OUTn
SPI
INn
temperature
monitor
current
limitation
gate control
T
Tn
CLn
GND
CS
Input Control
SCLK
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com