Electronic Components Datasheet Search
  English  ▼

X  

TLE8104E Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE8104E
Description  Smart Quad Channel Powertrain Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8104E Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE8104E Datasheet HTML 19Page - Infineon Technologies AG TLE8104E Datasheet HTML 20Page - Infineon Technologies AG TLE8104E Datasheet HTML 21Page - Infineon Technologies AG TLE8104E Datasheet HTML 22Page - Infineon Technologies AG TLE8104E Datasheet HTML 23Page - Infineon Technologies AG TLE8104E Datasheet HTML 24Page - Infineon Technologies AG TLE8104E Datasheet HTML 25Page - Infineon Technologies AG TLE8104E Datasheet HTML 26Page - Infineon Technologies AG TLE8104E Datasheet HTML 27Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
TLE8104E
Smart Quad Channel Powertrain Switch
Revision History
Data Sheet
25
V1.4, 2010-04-26
9
Revision History
Table 2
Version
Date
Changes
V1.3 -> V1.4: 2010-04-07
V1.4
2010-04-07
New cover graphics
Package name changed to PG-DSO-20
Figure 2: parameters naming corrected to match pin naming
Chapter 4.1: added note to absolute maximum ratings
Item 4.2.3: typ. value changed, 26.2 K/W ->26 K/W
Item 5.1.5: parameter name changed “Low input pull-up current through pin RESET” ->
“High input pull-up current through pin RESET”
Item 5.1.5: conditions changed
V
RESET =0V -> VRESET =2V,
Item 5.1.5: values corrected according to terms
Item 5.2.1: parameter renamed
V
INL -> VIN(L)
Item 5.2.2: parameter renamed
V
INH -> VIN(H)
Item 5.2.3: parameter renamed
V
INHys -> VIN(Hys)
Item 5.2.4: values corrected according to terms
Item 5.2.8: values corrected according to terms
Item 5.4.1, Item 5.4.2 and Item 5.4.4: parameter renamed to fit new test conditions
Item 5.4.2 and Item 5.4.4: test conditions adapted
Item 5.4.4: min and max value corrected
Item 5.4.5 and Item 5.4.6: parameter moved to Chapter 5.6
Item 5.4.6: parameter renamed
V
FAULT -> VFAULT(L)
Item 5.5.2: values corrected according to terms
Item 5.5.3: parameter renamed
V
SOH -> VSO(H)
Item 5.5.4: parameter renamed
V
SOL -> VSO(L)
Item 5.5.4: test conditions corrected according to terms
Item 5.5.5: parameter renamed
f
SCLK
Item 5.5.6: added “(depending on SO load)”
Item 5.5.6: parameter renamed
t
pSCLK
Item 5.5.7: parameter renamed
t
SCKH -> tSCLK(H)
Item 5.5.8: parameter renamed
t
SCKL -> tSCLK(L)
Value changed for tvalid (Item 5.5.15) with
C
L = 50 pF
Added
t
valid (Item 5.5.15) with CL = 100 pF and CL = 220 pF
Item 5.5.16: parameter added
Item 5.5.17: parameter added
Item 5.5.18: parameter added
Item 5.5.19: parameter added
Chapter 5.5.3: numbering changed 5.6 -> 5.5.3
Figure 13: parameters naming corrected to match naming in upper electrical
characteristics table
Chapter 5.6: chapter added
Figure 20:
V
dd changed to Vs
Chapter 7: notes added
V1.2 -> V1.3: 2009-01-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com