Electronic Components Datasheet Search
  English  ▼

X  

TLE42764 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42764
Description  Low Dropout Linear Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42764 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42764 Datasheet HTML 1Page - Infineon Technologies AG TLE42764 Datasheet HTML 2Page - Infineon Technologies AG TLE42764 Datasheet HTML 3Page - Infineon Technologies AG TLE42764 Datasheet HTML 4Page - Infineon Technologies AG TLE42764 Datasheet HTML 5Page - Infineon Technologies AG TLE42764 Datasheet HTML 6Page - Infineon Technologies AG TLE42764 Datasheet HTML 7Page - Infineon Technologies AG TLE42764 Datasheet HTML 8Page - Infineon Technologies AG TLE42764 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Type
Package
Marking
TLE42764GV50
PG-TO263-5
42764V5
TLE42764DV50
PG-TO252-5
42764V5
TLE42764GV
PG-TO263-5
42764V
TLE42764DV
PG-TO252-5
42764V
PG-TO263-5
PG-TO252-5
Data Sheet
2
Rev. 1.1, 2009-10-09
Low Dropout Linear Voltage Regulator
TLE42764
1Overview
Features
•
Very Low Current Consumption
•
Adjustable and 5 V Fixed Output Voltage
±2%
•
Output Current up to 400 mA
•
Enable Input
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Overtemperature Shutdown
•
Reverse Polarity Protection
•
Wide Temperature Range From -40 °C up to 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE42764 is a monolithic integrated low dropout voltage regulator
for load currents up to 400 mA. An input voltage up to 40 V is regulated
to an adjustable or 5 V fixed voltage with a precision of
±2%. The device
is designed for the harsh environment of automotive applications.
Therefore it is protected against overload, short circuit and
overtemperature conditions by the implemented output current limitation
and the overtemperature shutdown circuit. The TLE42764 can be also
used in all other applications requiring a stabilized voltage between 2.5 V and 20 V.
Due to its very low quiescent current the TLE42764 is dedicated for use in applications permanently connected to
V
BAT. In addition the device can be switched off via the Enable input reducing the current consumption to less than
10
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com