Electronic Components Datasheet Search
  English  ▼

X  

AVR32918 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AVR32918
Description  32-bit Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32918 Datasheet(HTML) 1 Page - ATMEL Corporation

  AVR32918 Datasheet HTML 1Page - ATMEL Corporation AVR32918 Datasheet HTML 2Page - ATMEL Corporation AVR32918 Datasheet HTML 3Page - ATMEL Corporation AVR32918 Datasheet HTML 4Page - ATMEL Corporation AVR32918 Datasheet HTML 5Page - ATMEL Corporation AVR32918 Datasheet HTML 6Page - ATMEL Corporation AVR32918 Datasheet HTML 7Page - ATMEL Corporation AVR32918 Datasheet HTML 8Page - ATMEL Corporation AVR32918 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AVR32918: UC3-A3 XPLAINED Hardware User's
Guide
Features
• Atmel® AT32UC3A3256 microcontroller
• 64Mbit SDRAM
• Analog input (to ADC)
- Temperature sensor
- RC filter
• I/O
- One mechanical button
- Four LEDs
- Four expansion headers
• Footprints for external memory
- Atmel AT45DB series DataFlash
® serial flash
- Atmel AT25DF series industry standard serial flash
• Touch
- One Atmel QTouch® slider
- One Atmel QTouch button
1 Introduction
The Atmel UC3-A3 XPLAINED evaluation kit is a hardware platform to evaluate the
Atmel AT32UC3A3256 microcontroller.
The kit offers a large range of features that enables the Atmel AVR
® UC3 user to
get started using UC3 peripherals right away and understand how to integrate the
UC3 device in their own design.
Figure 1-1. UC3-A3 XPLAINED evaluation kit.
32-bit
Microcontrollers
Application Note
Rev. 32159A-AVR-01/11


Similar Part No. - AVR32918

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32919 ATMEL-AVR32919 Datasheet
7Mb / 41P
512KBytes internal flash, 256KBytes internal RAM
More results

Similar Description - AVR32918

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
AT91SC512384-128M ATMEL-AT91SC512384-128M Datasheet
146Kb / 3P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com