Electronic Components Datasheet Search
  English  ▼

X  

AVR32918 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AVR32918
Description  32-bit Microcontrollers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32918 Datasheet(HTML) 3 Page - ATMEL Corporation

  AVR32918 Datasheet HTML 1Page - ATMEL Corporation AVR32918 Datasheet HTML 2Page - ATMEL Corporation AVR32918 Datasheet HTML 3Page - ATMEL Corporation AVR32918 Datasheet HTML 4Page - ATMEL Corporation AVR32918 Datasheet HTML 5Page - ATMEL Corporation AVR32918 Datasheet HTML 6Page - ATMEL Corporation AVR32918 Datasheet HTML 7Page - ATMEL Corporation AVR32918 Datasheet HTML 8Page - ATMEL Corporation AVR32918 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AVR32918
3
32159A-AVR-01/11
Figure 3-2. Functional overview of the Atmel UC3-A3 XPLAINED kit.
3.1 Preprogrammed firmware
The Atmel AT32UC3A3256 on the Atmel UC3-A3 XPLAINED kit is preprogrammed
with a USB bootloader and a default firmware. The preprogrammed firmware in the
AT32UC3A3256 is a simple demonstration of the QTouch button and QTouch slider.
3.2 Power supply
The kit needs an external power supply that can deliver 5V and up to 500mA. The
actual current requirement for the board is much less than 500mA but in order to be
able to power possible expansion boards this margin is needed.
The power can be applied to the board either via the USB connector or on pin 10 on
the header J3. The USB connector is the preferred input because then it is possible to
connect expansion boards on top of the J3 header.
The 5V is regulated down to 3.3V with an on board LDO regulator, which provides
power to the entire board. Expansion top boards that require 5V will get this from the
header J3 pin 10.
3.3 Measuring the AT32UC3A3256 power consumption
As part of an evaluation of the AT32UC3A3256, it can be of interest to measure its
power consumption. The two-pin header with a jumper mounted on it is the only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com