Electronic Components Datasheet Search
  English  ▼

X  

EMI7204MU Datasheet(PDF) 5 Page - ON Semiconductor

Part # EMI7204MU
Description  Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI7204MU Datasheet(HTML) 5 Page - ON Semiconductor

  EMI7204MU Datasheet HTML 1Page - ON Semiconductor EMI7204MU Datasheet HTML 2Page - ON Semiconductor EMI7204MU Datasheet HTML 3Page - ON Semiconductor EMI7204MU Datasheet HTML 4Page - ON Semiconductor EMI7204MU Datasheet HTML 5Page - ON Semiconductor EMI7204MU Datasheet HTML 6Page - ON Semiconductor EMI7204MU Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMI7204MU, EMI7206MU, EMI7208MU
http://onsemi.com
5
PACKAGE DIMENSIONS
UDFN8, 1.7x1.35, 0.4P
CASE 517BC−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.25 mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
K
8X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
8X
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
8X
1
8
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.15
0.25
D
1.70 BSC
D2
1.10
1.30
E
1.35 BSC
E2
0.30
0.50
e
0.40 BSC
K
0.15
−−−
L
0.20
0.30
DETAIL B
1.40
0.25
0.50
1.55
0.40 PITCH
DIMENSIONS: MILLIMETERS
0.40
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1
PACKAGE
OUTLINE
L1
−−−
0.05
8X
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL A
NOTE 4
e/2
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
RECOMMENDED
8X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com