Electronic Components Datasheet Search
  English  ▼

X  

EMI7204MU Datasheet(PDF) 4 Page - ON Semiconductor

Part # EMI7204MU
Description  Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI7204MU Datasheet(HTML) 4 Page - ON Semiconductor

  EMI7204MU Datasheet HTML 1Page - ON Semiconductor EMI7204MU Datasheet HTML 2Page - ON Semiconductor EMI7204MU Datasheet HTML 3Page - ON Semiconductor EMI7204MU Datasheet HTML 4Page - ON Semiconductor EMI7204MU Datasheet HTML 5Page - ON Semiconductor EMI7204MU Datasheet HTML 6Page - ON Semiconductor EMI7204MU Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMI7204MU, EMI7206MU, EMI7208MU
http://onsemi.com
4
Table 2. FREQUENCY CHART
Bandwidth
Maximum
Supported
Frequency
Third
Harmonic
Frequency
3 dB − 100 MHz
33.33 MHz (f1)
100 MHz
6 dB − 200 MHz
66.67 MHz (f2)
200 MHz
9 dB − 300 MHz
100 MHz (f3)
300 MHz
Considering that 85% of the amplitude of the square is in
the first two terms of the Fourier series approximation most
of the signal content is at the fundamental (maximum
supported) frequency and the third harmonic frequency. If a
signal with a frequency of 33.33 MHz is input to this filter,
the first two terms are sufficiently passed such that the signal
is only mildly affected, as is shown in Figure 5a. If a signal
with a frequency of 66.67 MHz is input to this same filter,
the third harmonic term is significantly attenuated. This
serves to round the signal edges and skew the waveform, as
is shown in Figure 5b. In the case that a 100 MHz signal is
input to this filter, the third harmonic term is attenuated even
further and results in even more rounding of the signal edges
as is shown in Figure 5c. The result is the degradation of the
data being transmitted making the digital data (1’s and 0’s)
more difficult to discern. This does not include effects of
other components such as interconnect and other path losses
which could further serve to degrade the signal integrity.
While some filter products may specify the 6 dB or 9 dB
bandwidths, actually using these to calculate supported
frequencies (and corresponding data rates) results in
significant signal degradation. To ensure the best signal
integrity possible, it is best to use the 3 dB bandwidth to
calculate the achievable data rate.
Input Waveform
Output Waveform
a) Frequency = f1
b) Frequency = f2
c) Frequency = f3
Figure 5. Input and Output Waveforms of Filter
Input Waveform
Output Waveform
Input Waveform
Output Waveform
ORDERING INFORMATION
Device
Package
Shipping†
EMI7204MUTAG
UDFN8
(Pb−Free)
3000 / Tape & Reel
EMI7206MUTAG
UDFN12
(Pb−Free)
3000 / Tape & Reel
EMI7208MUTAG
UDFN16
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com