Electronic Components Datasheet Search
  English  ▼

X  

LA1245 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA1245
Description  AM Electronic Tuner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1245 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1245 Datasheet HTML 1Page - Sanyo Semicon Device LA1245 Datasheet HTML 2Page - Sanyo Semicon Device LA1245 Datasheet HTML 3Page - Sanyo Semicon Device LA1245 Datasheet HTML 4Page - Sanyo Semicon Device LA1245 Datasheet HTML 5Page - Sanyo Semicon Device LA1245 Datasheet HTML 6Page - Sanyo Semicon Device LA1245 Datasheet HTML 7Page - Sanyo Semicon Device LA1245 Datasheet HTML 8Page - Sanyo Semicon Device LA1245 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LA1245
Ordering number : EN737F
AM Electronic Tuner
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
63097HA (KOTO)/33194HO/N050JK/8044KI,TS3173KI/O020KI No.737-1/11
Overview
LA1245 is a high performance IC to be used as an AM
electronic tuner. It provides an automatic search-stop
signal, local oscillator buffer-output, and the low level
local oscillation, as well as providing all other functions
required of an AM tuner. Moreover, the stable local
oscillation from LW to SW facilitates the use of many
band.
Functions
• RF amplifier
• MIX
• OSC (with ALC) • Detection
• IF amplifier
• AGC
• Local oscillation buffer-output
• Signal meter driving output (also used as an automatic
search stop-signal)
• etc.
Package Dimensions
unit : mm
3021B-DIP20S
[LA1245]
SANYO: DIP20S
Features
• Narrow-band signal meter
: Available as an automatic search-stop signal (also available as a wide-band signal
meter). Signal meter output=1/2 frequency ±1.5kHz typ.
• Local oscillation buffer-output
: Facilitates the design of electronic tuning systems and frequency representation.
• OSC (with ALC)
: The oscillation output is stabilized at a low level (350 mVrms) for a varactor
diode, and tracking error is minimized.
• RF amplifier
: Excellent in usable sensitivity by incorporating low-noise transistors in cascode
circuit (45dB/m typ).
• MIX
: Double balanced differential MIX prevents the influence of spurious radiation and
IF interferences (IF interference = 85dB typ).
• Low noise
: Excellent in S/N for intermediate input (57dB typ).
• Compensation for VCC fluctuation
: Allows little gain fluctuation and little distoriton fluctuation (8 to 16 V).
• Low shock noise
: Able to decrease the shock noise by selecting AGC time constant when changing
VCC-on and/or switching the mode.


Similar Part No. - LA1245

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1240 SANYO-LA1240 Datasheet
207Kb / 5P
LA1240
LA1247 SANYO-LA1247 Datasheet
507Kb / 11P
AM ELECTRONIC TUNER
More results

Similar Description - LA1245

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
NTE Electronics
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
Integrated Circuit AM Tuner w/Electronic Tuning
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
AM/FM TUNER
logo
Sanyo Semicon Device
LA1265 SANYO-LA1265 Datasheet
1Mb / 15P
FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
FM/AM Tuner of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
AM/FM Tuner
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
AM TUNER SYSTEM
logo
Sanyo Semicon Device
LA1247 SANYO-LA1247 Datasheet
507Kb / 11P
AM ELECTRONIC TUNER
logo
AUK corp
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
AM TUNER SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com