Electronic Components Datasheet Search
  English  ▼

X  

LA1245 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1245
Description  AM Electronic Tuner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1245 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1245 Datasheet HTML 1Page - Sanyo Semicon Device LA1245 Datasheet HTML 2Page - Sanyo Semicon Device LA1245 Datasheet HTML 3Page - Sanyo Semicon Device LA1245 Datasheet HTML 4Page - Sanyo Semicon Device LA1245 Datasheet HTML 5Page - Sanyo Semicon Device LA1245 Datasheet HTML 6Page - Sanyo Semicon Device LA1245 Datasheet HTML 7Page - Sanyo Semicon Device LA1245 Datasheet HTML 8Page - Sanyo Semicon Device LA1245 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LA1245
No.737-5/11
8. When a cable or something similar is connected to a local oscillation buffer (pin 20), which is equivalent to
connecting a capacitor of about 20pF, the output from the buffer will be of sawtooth waves, causing the level low at
the short wave band. To prevent this, connect a resistor between pin 20 and GND, which will increase the operating
current of the buffer amplifier. Since the maximum current obtained from pin 20 is 2mA, the suitable resistance
between pin 20 and GND is 1.5k
Ω.
9. Use a semi-fixed resistor for R211 to allow the fluctuation of VSM.
10. When changing an IFT or using an RF tuner, select a filter and related circuits according to the following conditions.
The input levels of each terminal where 30% modulated detection output of –25dBm is obtained are as follows :
Pin 11 input
when Rg=520
Ω (470Ω + 50Ω)
75dBµ
Pin 9 input
when Rg=50
Ω
53dBµ
Pin 6 input
when Rg=50
Ω
48dBµ
Pin 3 input
when Rg=50
Ω
22dBµ
Slight change in IFT, however, will be covered by changing the constant of resistors R202 and R204.
11. When the coupling coefficient of the local oscillation coil is small and an anti-resonance point of about 100MHz is
present or the stray capacitance between pin 19 and pin 20 is large, the buffer output (pin 20) may be subject to
parasitic oscillation of about 100MHz. In this case, connect a capacitor of about 30pF between pin 20 and GND. To
observe parasitic oscillation, connect a capacitor of 5pF in series with the probe. If the probe is connected direct to
pin 20, the input capacitance of the probe causes parasitic oscillation to stop, which makes it impossible to observe.
Sample Application Circuit 1
Unit (resistance :
Ω, capacitance : F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com