Electronic Components Datasheet Search
  English  ▼

X  

LA1260 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA1260
Description  FM/AM Tuner System for Radio-Casette Recorders, Music Centers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1260 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA1260 Datasheet HTML 6Page - Sanyo Semicon Device LA1260 Datasheet HTML 7Page - Sanyo Semicon Device LA1260 Datasheet HTML 8Page - Sanyo Semicon Device LA1260 Datasheet HTML 9Page - Sanyo Semicon Device LA1260 Datasheet HTML 10Page - Sanyo Semicon Device LA1260 Datasheet HTML 11Page - Sanyo Semicon Device LA1260 Datasheet HTML 12Page - Sanyo Semicon Device LA1260 Datasheet HTML 13Page - Sanyo Semicon Device LA1260 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LA1260
No.1506-13/14
Sample Printed Circuit Pattern : Cu-foiled area (The circuit diagram is shown on page 12.)
• Applications where a double tuning coil is used (See page 3.)
The use of the following coil improves the distortion approximately 0.1% at 100% modulation.
ANT input voltage – dBµ
Detection
output
AM output
Noise
voltage
Distortion
LED lighting sensitivity 11.5dBµ
(Korin Giken)
(Korin Giken)
(Mitsumi)
(Mitsumi)
Unit (resistance :
Ω, capacitance : F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com