Electronic Components Datasheet Search
  English  ▼

X  

LA1260 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1260
Description  FM/AM Tuner System for Radio-Casette Recorders, Music Centers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1260 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1260 Datasheet HTML 1Page - Sanyo Semicon Device LA1260 Datasheet HTML 2Page - Sanyo Semicon Device LA1260 Datasheet HTML 3Page - Sanyo Semicon Device LA1260 Datasheet HTML 4Page - Sanyo Semicon Device LA1260 Datasheet HTML 5Page - Sanyo Semicon Device LA1260 Datasheet HTML 6Page - Sanyo Semicon Device LA1260 Datasheet HTML 7Page - Sanyo Semicon Device LA1260 Datasheet HTML 8Page - Sanyo Semicon Device LA1260 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Operating Characteristics at Ta=25°C, VCC=4.5V, See specified Test Circuit
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
[AM Characteristics : f=1MHz]
Quiescent current
Icco AM
VIN=No input
7.5
10.5
mA
Detection output
VO1
VIN=23dBµ, 400Hz-30% mod.
–33
–28
–23
dBm
17.3
31
55
mV
S/N ratio
S/N1
VIN=23dBµ, 400Hz-30% mod.
18.0
21.5
dB
Detection output
VO2
VIN=60dBµ, 400Hz-30% mod.
–19.0
–16.0
–13.0
dBm
87
122
174
mV
S/N ratio
S/N2
VIN=60dBµ, 400Hz-30% mod.
48
53
dB
Total harmonic distortion
THD1
VIN=60dBµ, 400Hz-30% mod.
0.45
1.3
%
THD2
VIN=100dBµ, 400Hz-30% mod.
1.5
3.0
%
LED lighting voltage
VLEDAM
IC=1mA
22
30
38
dBm
Oscillation output (24MHz)
VOSC24M
60
86
120
mV
[FM Characteristics : f=10.7MHz]
Quiescent current
IccoFM
VIN=No input
8.5
12.0
mA
–3dB sensitivity
VINlim
–3dB down, 400Hz-100% mod.
35
42
dBµ
Demodulation output
VO3
VIN=80dBµ, 400Hz-100% mod.
–12.5
–9.5
–6.5
dBm
183
260
367
mV
S/N ratio
S/N3
VIN=80dBµ, 400Hz-100% mod.
77
81
dB
S/N4
VIN=80dBµ, 400Hz-30% mod.
71
dB
Total harmonic distortion
THD3
VIN=80dBµ, 400Hz-100% mod.
0.55
1.2
%
THD4
VIN=80dBµ, 400Hz-30% mod.
0.05
%
LED lighting voltage
VLEDFM
IL=1mA
39
49
dBµ
AM rejection ratio
AMR
VIN=80dBµ, 400Hz-100% FM mod.
60
dB
1kHz-30% AM mod.
Equivalent Circuit Block Diagram
LA1260
No.1506-2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com