Electronic Components Datasheet Search
  English  ▼

X  

MRF555 Datasheet(PDF) 3 Page - Advanced Semiconductor

Part # MRF555
Description  NPN SILICON RF TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF555 Datasheet(HTML) 3 Page - Advanced Semiconductor

  MRF555 Datasheet HTML 1Page - Advanced Semiconductor MRF555 Datasheet HTML 2Page - Advanced Semiconductor MRF555 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
3/3
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
MRF555
ZIN (
Ω)
ZOL (
Ω)*
VCC = 7.5 V
VCC = 12.5 V
VCC = 7.5 V
VCC = 12.5 V
f
Frequency
MHz
PIN = 100 mW
PIN = 50 mW
POUT = 400 MHz = 1.5 W
POUT = 450 MHz = 1.35 W
POUT = 512 MHz = 1.05 W
POUT = 400 MHz = 1.9 W
POUT = 450 MHz = 1.45 W
POUT = 512 MHz = 0.9 W
400
450
512
2.9 – j2.7
2.2 – j0.8
3.5 – j1.2
1.9 – j3.1
2.6 – j4.0
2.6 – j2.6
18.0 – j13.4
21.6 – j9.9
20.1 – j1.0
12.2 – j19.7
20.2 – j18.6
23.4 – j23.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com