Electronic Components Datasheet Search
  English  ▼

X  

MRF555 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF555
Description  NPN SILICON RF TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF555 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF555 Datasheet HTML 1Page - Advanced Semiconductor MRF555 Datasheet HTML 2Page - Advanced Semiconductor MRF555 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
16
V
BVCES
IC = 5.0 mA
30
V
BVEBO
IE = 0.1 mA
3.0
V
ICES
VCE = 15 V
5.0
mA
hFE
VCE = 5.0 V
IC = 100 mA
50
200
---
CCB
VCB = 10 V
f = 1.0 MHz
5.5
pF
GPE
ηηηη
ψ
ψ
ψ
ψ
VCE = 12.5 V
POUT = 1.5 W
f = 470 MHz
11
50
10:1
12.5
60
dB
%
---
NPN SILICON RF TRANSISTOR
MRF555
DESCRIPTION:
The
ASI MRF555 is designed for
Wideband large signal stages in the
UHF frequency range.
FEATURES:
• 12.5 V, 470 MHz.
• P
OUT = 1.5 W
• G
P = 11 min.
• η = 60 % (Typ)
MAXIMUM RATINGS
IC
500 mA
VCBO
30 V
PDISS
3.0 W @ TC = 75 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
41.7 °C/W
PACKAGE STYLE
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.45
5.21
.175
.205
B
1.91
2.54
.075
.100
C
0.84
0.99
.033
.039
D
2.46
2.64
.097
.104
E
8.84
9.73
.348
.383
F
0.20
0.31
.008
0.12
G
7.24
8.13
.285
.320
H
1.65
0.65
J
3.25
0.128
K
0.64
1.02
.025
0.40
1 = COLLECTOR
2 = EMITTER
3 = BASE
4 = EMITTER


Similar Part No. - MRF555

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF555 MOTOROLA-MRF555 Datasheet
99Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
logo
Microsemi Corporation
MRF555 MICROSEMI-MRF555 Datasheet
171Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MRF555 NJSEMI-MRF555 Datasheet
68Kb / 2P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - MRF555

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com