Electronic Components Datasheet Search
  English  ▼

X  

46DN02 Datasheet(PDF) 5 Page - eupec GmbH

Part # 46DN02
Description  Netz-Gleichrichterdiode Rectifier Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

46DN02 Datasheet(HTML) 5 Page - eupec GmbH

  46DN02 Datasheet HTML 1Page - eupec GmbH 46DN02 Datasheet HTML 2Page - eupec GmbH 46DN02 Datasheet HTML 3Page - eupec GmbH 46DN02 Datasheet HTML 4Page - eupec GmbH 46DN02 Datasheet HTML 5Page - eupec GmbH 46DN02 Datasheet HTML 6Page - eupec GmbH 46DN02 Datasheet HTML 7Page - eupec GmbH 46DN02 Datasheet HTML 8Page - eupec GmbH 46DN02 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Technische Information / Technical Information
Netz-Gleichrichterdiode
Rectifier Diode
46 DN 02 ... 06
N
Grenzdurchlaßkennlinien / Limiting 0n-state characteristics iF = f(vT)
Tvj = Tvjmax
Tvj = 25 °C
SZ-AM / 99-09-24, K.-A.Rüther
A118/99
Z. Nr.: 2
Seite/page 5
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
0,6
0,8
1
1,2
1,4
1,6
vF[V]
vT = A+B*iT+ln(iT+1)+√iT
Tvj = 25 °C
Tvj = Tvj max
A = 0,884
= 0,63337
B =1,22746E-05 = 7,07695E-06
C = -2,603E-02
= -2,8199E-02
D = 5,4002E-03 = 7,553E-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com