Electronic Components Datasheet Search
  English  ▼

X  

IR3721 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3721
Description  Power Monitor IC with
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3721 Datasheet(HTML) 1 Page - International Rectifier

  IR3721 Datasheet HTML 1Page - International Rectifier IR3721 Datasheet HTML 2Page - International Rectifier IR3721 Datasheet HTML 3Page - International Rectifier IR3721 Datasheet HTML 4Page - International Rectifier IR3721 Datasheet HTML 5Page - International Rectifier IR3721 Datasheet HTML 6Page - International Rectifier IR3721 Datasheet HTML 7Page - International Rectifier IR3721 Datasheet HTML 8Page - International Rectifier IR3721 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IR3721
DATA SHEET
Page 1 of 16
www.irf.com
09/15/08
Power Monitor IC with
Analog Output
FEATURES
Accurate TruePower
TM monitor
• 2.5% static accuracy
• Minimizes dynamic errors
Minimizes power dissipation
• 5mV - 150mV full scale current range
Versatile
• Monitors power or current
• Single buck or multiphase converters
• Inductor DCR or resistive shunt sensing
Simple add-on to existing converters
10 pin 3x3 DFN lead free package
RoHS compliant
DESCRIPTION
The IR3721 is a versatile power or current monitor IC
for low-voltage DC-DC converters. The IR3721
monitors the inductor current in buck or multiphase
converters using either a current sensing resistor or the
inductor’s winding resistance (DCR). The output (DI) is
a pulse code modulated signal whose duty ratio is
proportional to the inductor current. An analog voltage
that is proportional to power is realized by connecting
VK to VO and connecting an RC filter to DI.
The IR3721 uses Patent Pending TruePower
TM
technology to accurately capture highly dynamic power
waveforms typical of microprocessor loads.
TYPICAL APPLICATION CIRCUIT
ORDERING INFORMATION
Device
Package
Order Quantity
IR3721MTRPBF
10 lead DFN (3x3 mm body)
3000 piece reel
* IR3721MPBF
10 lead DFN (3x3 mm body)
121 piece tube
*
Samples only


Similar Part No. - IR3721

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3721 IRF-IR3721 Datasheet
324Kb / 16P
Power Monitor IC with Analog Output
IR3721MPBF IRF-IR3721MPBF Datasheet
324Kb / 16P
Power Monitor IC with Analog Output
IR3721MTRPBF IRF-IR3721MTRPBF Datasheet
324Kb / 16P
Power Monitor IC with Analog Output
More results

Similar Description - IR3721

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
Power Monitor IC
KOM-1021 KODENSHI-KOM-1021 Datasheet
242Kb / 1P
Power Monitor IC
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
Power Monitor IC
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
CURRENT MONITOR IC
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
Current Monitor IC
logo
International Rectifier
IR3721 IRF-IR3721 Datasheet
324Kb / 16P
Power Monitor IC with Analog Output
IR3720 IRF-IR3720 Datasheet
321Kb / 20P
Power Monitor IC withDigital I2C Interface
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com