Electronic Components Datasheet Search
  English  ▼

X  

LT5578 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5578
Description  0.4GHz to 2.7GHz High Linearity Upconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5578 Datasheet(HTML) 3 Page - Linear Technology

  LT5578 Datasheet HTML 1Page - Linear Technology LT5578 Datasheet HTML 2Page - Linear Technology LT5578 Datasheet HTML 3Page - Linear Technology LT5578 Datasheet HTML 4Page - Linear Technology LT5578 Datasheet HTML 5Page - Linear Technology LT5578 Datasheet HTML 6Page - Linear Technology LT5578 Datasheet HTML 7Page - Linear Technology LT5578 Datasheet HTML 8Page - Linear Technology LT5578 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5578
3
5578f
AC ELECTRICAL CHARACTERISTICS V
CC = 3.3V, TA = 25°C, Test circuits are shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Return Loss
ZO = 50Ω, External Match
15
dB
LO Input Return Loss
ZO = 50Ω, External Match
>9
dB
RF Output Return Loss
ZO = 50Ω, External Match
>10
dB
LO Input Power
–5 to 2
dBm
VCC = 3.3V, TA = 25°C, PIF = –5dBm (–5dBm/tone for 2-tone tests, Δf = 1MHz), PLO = –1dBm, unless otherwise noted.
Low side LO for 900MHz. High side LO for 740MHz and 1950MHz. (Notes 2, 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
0.8
1.4
–0.7
dB
dB
dB
Conversion Gain vs Temperature
(TA = –40°C to 85°C)
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
–0.020
–0.018
–0.021
dB/°C
dB/°C
dB/°C
Output 3rd Order Intercept
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
26.5
27.0
24.3
dBm
dBm
dBm
Output 2nd Order Intercept (LO ±2IF)
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
62
52
58
dBm
dBm
dBm
Single Sideband Noise Figure
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
8.6
8.6
10.5
dB
dB
dB
Output Noise: POUT = –5dBm
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
–161
–160.5
–158
dBm/Hz
dBm/Hz
dBm/Hz
Output Noise: POUT = 0dBm
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
–158
–157.5
–154
dBm/Hz
dBm/Hz
dBm/Hz
Output Noise: POUT = 5dBm
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
–154
–153
–149.5
dBm/Hz
dBm/Hz
dBm/Hz
Output 1dB Compression
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
11.6
12
10
dBm
dBm
dBm
IF to LO Isolation
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
80
75
60
dB
dB
dB
LO to IF Leakage
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
–31
–40
–22
dBm
dBm
dBm
LO to RF Leakage
fRF = 740MHz, fIF = 140MHz
fRF = 900MHz, fIF = 140MHz
fRF = 1950MHz, fIF = 240MHz
–43
–43
–46
dBm
dBm
dBm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Each set of frequency conditions requires appropriate matching
(see Figure 1).
Note 3: The LT5578 is guaranteed functional over the operating
temperature range from –40°C to 85°C.
Note 4: SSB noise figure measurements performed with a small-signal
noise source and bandpass filter on LO signal generator. No other IF signal
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com