Electronic Components Datasheet Search
  English  ▼

X  

LT5578 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5578
Description  0.4GHz to 2.7GHz High Linearity Upconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5578 Datasheet(HTML) 4 Page - Linear Technology

  LT5578 Datasheet HTML 1Page - Linear Technology LT5578 Datasheet HTML 2Page - Linear Technology LT5578 Datasheet HTML 3Page - Linear Technology LT5578 Datasheet HTML 4Page - Linear Technology LT5578 Datasheet HTML 5Page - Linear Technology LT5578 Datasheet HTML 6Page - Linear Technology LT5578 Datasheet HTML 7Page - Linear Technology LT5578 Datasheet HTML 8Page - Linear Technology LT5578 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT5578
4
5578f
TYPICAL AC PERFORMANCE CHARACTERISTICS
TYPICAL DC PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Gain Distribution at 900MHz
OIP3 Distribution at 900MHz
SSB Noise Figure Distribution at
900MHz
(Test Circuit Shown in Figure 1)
900MHz Application:
VCC = 3.3V, TA = 25°C, fIF = 140MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, Δf = 1MHz), low side LO, PLO = –1dBm,
output measured at 900MHz, unless otherwise noted. (Test circuit shown in Figure 1)
SUPPLY VOLTAGE (V)
3.0
120
130
140
150
160
180
3.1
3.2
3.3
3.4
5578 G01
3.5
3.6
170
85°C
25°C
–40°C
GAIN (dB)
–0.5
25
35
45
1.0
2.0
3.5
5578 G02
15
5
20
30
40
10
0
0
0.5
1.5
2.5
3.0
TA = 90°C
TA = 25°C
TA = –45°C
OIP3 (dBm)
23
0
5
10
15
20
25
24
25
26
27
5578 G03
28
29
TA = 90°C
TA = 25°C
TA = –45°C
NOISE FIGURE (dB)
6
0
10
20
30
40
50
60
789
10
5578 G04
11
TA = 90°C
TA = 25°C
TA = –45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com