Electronic Components Datasheet Search
  English  ▼

X  

LTC2460 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2460
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2460 Datasheet HTML 10Page - Linear Technology LTC2460 Datasheet HTML 11Page - Linear Technology LTC2460 Datasheet HTML 12Page - Linear Technology LTC2460 Datasheet HTML 13Page - Linear Technology LTC2460 Datasheet HTML 14Page - Linear Technology LTC2460 Datasheet HTML 15Page - Linear Technology LTC2460 Datasheet HTML 16Page - Linear Technology LTC2460 Datasheet HTML 17Page - Linear Technology LTC2460 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2460/LTC2462
14
24602f
APPLICATIONS INFORMATION
output the sign (D15) of the result of the just completed
conversion. While a low logic level is maintained at SCK
pin and CS is subsequently pulled high (CS = HIGH) the
remaining 15 bits of the result (D14:D0) are discarded
and a new conversion cycle starts.
Following the aborted I/O, additional clock pulses in the
CONVERT state are acceptable, but excessive signal tran-
sitions on SCK can potentially create noise on the ADC
during the conversion, and thus may negatively influence
the conversion accuracy.
2-Wire Operation
The 2-wire operation modes, while reducing the number
of required control signals, should be used only if the
LTC2460/LTC2462 low power sleep capability is not re-
quired. In addition the option to abort serial data transfers
is no longer available. Hardwire CS to GND for 2-wire
operation. For the LTC2460, tie SDI LOW for 60Hz output
rate and HIGH for 30Hz output rate, for the LTC2462 tie
SDI low.
Figure 13 shows a 2-wire operation sequence which uses
an idle-high (CPOL = 1) serial clock signal. The conversion
status can be monitored at the SDO output. Following a
conversion cycle, the ADC enters the data output state
and the SDO output transitions from HIGH to LOW. Sub-
sequently 16 clock pulses are applied to the SCK input in
order to serially shift the 16 bit result. Finally, the 17th
clock pulse is applied to the SCK input in order to trigger
a new conversion cycle.
Figure 14 shows a 2-wire operation sequence which uses
an idle-low (CPOL = 0) serial clock signal. The conversion
status cannot be monitored at the SDO output. Following
a conversion cycle, the LTC2460/LTC2462 enters the DATA
OUTPUT state. At this moment the SDO pin outputs the
sign (D15) of the conversion result. The user must use
external timing in order to determine the end of conversion
and result availability. Subsequently 16 clock pulses are
applied to SCK in order to serially shift the 16-bit result.
The 16th clock falling edge triggers a new conversion
cycle. For the LTC2460 tie SDI LOW for 60Hz output rate
and HIGH for 30Hz output rate.
Figure 13. 2-Wire, Idle-High (CPOL = 1) Serial Clock, Operation Example
Figure 14. 2-Wire, Idle-Low (CPOL = 0) Serial Clock Operation Example
24602 F13
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk16
clk17
SCK
CONVERT
SDI = 0 OR 1
CONVERT
DATA OUTPUT
CS = LOW
24602 F14
D15
D14
D13
D12
D2
D1
D0
SD0
CS = LOW
clk1
clk2
clk3
clk14
clk4
clk15
clk16
SCK
CONVERT
CONVERT
DATA OUTPUT
SDI = 0 OR 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com