Electronic Components Datasheet Search
  English  ▼

X  

LTC2460 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2460
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2460 Datasheet HTML 12Page - Linear Technology LTC2460 Datasheet HTML 13Page - Linear Technology LTC2460 Datasheet HTML 14Page - Linear Technology LTC2460 Datasheet HTML 15Page - Linear Technology LTC2460 Datasheet HTML 16Page - Linear Technology LTC2460 Datasheet HTML 17Page - Linear Technology LTC2460 Datasheet HTML 18Page - Linear Technology LTC2460 Datasheet HTML 19Page - Linear Technology LTC2460 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC2460/LTC2462
18
24602f
Figure 19. LTC2462 Input Signal Attentuation vs Frequency
Figure 20. LTC2462 Input Signal Attenuation
vs Frequency (Low Frequencies)
APPLICATIONS INFORMATION
INPUT SIGNAL FREQUENCY (MHz)
0
–40
0
1.00
1.25
1.50
24602 F19
–60
–80
–20
–100
2.5
5.0
7.5
INPUT SIGNAL FREQUENCY (Hz)
0
–20
–10
0
480
24602 F20
–30
–40
–25
–15
–5
–35
–45
–50
120
60
240
180
360 420
540
300
600
Figure 17. Measured INL vs Input Voltage
Figure 18. Measured INL vs Input Voltage
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24602 F17
–1
0
2
–2
–3
0.25
0.75
1.25
CIN = 0.1μF
VCC = 5V
TA = 25°C
RS = 10k
RS = 1k
RS = 0k
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
1
3
24602 F18
–1
0
2
–2
–3
0.25
0.75
1.25
CIN = 0
VCC = 5V
TA = 25°C
RS = 10k
RS = 1k
RS = 0k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com