Electronic Components Datasheet Search
  English  ▼

X  

LTC2460CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2460CDD
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2460CDD Datasheet HTML 8Page - Linear Technology LTC2460CDD Datasheet HTML 9Page - Linear Technology LTC2460CDD Datasheet HTML 10Page - Linear Technology LTC2460CDD Datasheet HTML 11Page - Linear Technology LTC2460CDD Datasheet HTML 12Page - Linear Technology LTC2460CDD Datasheet HTML 13Page - Linear Technology LTC2460CDD Datasheet HTML 14Page - Linear Technology LTC2460CDD Datasheet HTML 15Page - Linear Technology LTC2460CDD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2460/LTC2462
12
24602f
while CS is LOW. These tests are not required op-
erational steps but may be useful for some applications.
When the data is available, the user applies 16 clock cycles
to transfer the result. The CS rising edge is then used to
initiate a new conversion.
The operation example of Figure 7 is identical to that of
Figure 6, except the new conversion cycle is triggered by
the falling edge of the serial clock (SCK).
Serial Clock Idle-Low (CPOL = 0) Examples
In Figure 8, following a conversion cycle the LTC2460/
LTC2462 automatically enters the NAP state. The device
reference will power down if the SLP bit was set high
prior to the just completed conversion and CS is HIGH.
Once CS goes low, the reference powers up. The user
determines data availability (and the end of conversion)
based upon external timing. The user then pulls CS low
(CS =
↓) and uses 16 clock cycles to transfer the result.
Following the 16th rising edge of the clock, CS is pulled high
(CS =
↑), which triggers a new conversion.
The timing diagram in Figure 9 is identical to that of Figure 8,
except in this case a new conversion is triggered by SCK.
The 16th SCK falling edge triggers a new conversion cycle
and the CS signal is subsequently pulled high.
Examples of Aborting Cycle using CS
For some applications, the user may wish to abort the I/O
cycle and begin a new conversion. If the LTC2460/LTC2462
are in the data output state, a CS rising edge clears the
remaining data bits from the output register, aborts the out-
put cycle and triggers a new conversion. Figure 10 shows
an example of aborting an I/O with idle-high (CPOL = 1)
and Figure 11 shows an example of aborting an I/O with
idle-low (CPOL = 0).
A new conversion cycle can be triggered using the CS
signal without having to generate any serial clock pulses
as shown in Figure 12. If SCK is maintained at a low logic
level, after the end of a conversion cycle, a new conver-
sion operation can be triggered by pulling CS low and
then high. When CS is pulled low (CS = LOW), SDO will
APPLICATIONS INFORMATION
Figure 8. Idle-Low (CPOL = 0) Clock. CS Triggers a New Conversion
D15
D14
D13
D12
D2
D1
D0
clk1
clk2
clk3
clk4 clk14
clk15
clk16
SCK
SD0
CONVERT
CONVERT
NAP
DATA OUTPUT
24602 F08
CS
SDI
EN2
SPD
SLP
EN1
Figure 7. Idle-High (CPOL = 1) Clock Operation Example.
A 17th Clock Pulse is Used to Trigger a New Conversion Cycle
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk16
clk17
SCK
CONVERT
CONVERT
NAP
DATA OUTPUT
24602 F07
CS
SDI
EN2
SPD
SLP
EN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com