Electronic Components Datasheet Search
  English  ▼

X  

LTC2460CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2460CDD
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460CDD Datasheet(HTML) 4 Page - Linear Technology

  LTC2460CDD Datasheet HTML 1Page - Linear Technology LTC2460CDD Datasheet HTML 2Page - Linear Technology LTC2460CDD Datasheet HTML 3Page - Linear Technology LTC2460CDD Datasheet HTML 4Page - Linear Technology LTC2460CDD Datasheet HTML 5Page - Linear Technology LTC2460CDD Datasheet HTML 6Page - Linear Technology LTC2460CDD Datasheet HTML 7Page - Linear Technology LTC2460CDD Datasheet HTML 8Page - Linear Technology LTC2460CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2460/LTC2462
4
24602f
The
l denotes the specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time
l
13
16.6
23
ms
fSCK
SCK Frequency Range
l
2
MHz
tlSCK
SCK Low Period
l
250
ns
thSCK
SCK High Period
l
250
ns
t1
CS Falling Edge to SDO Low Z
(Notes 7, 8)
l
0
100
ns
t2
CS Rising Edge to SDO High Z
(Notes 7, 8)
l
0
100
ns
t3
CS Falling Edge to SCK Falling Edge
l
100
ns
tKQ
SCK Falling Edge to SDO Valid
(Note 7)
l
0
100
ns
t4
SDI Setup Before SCK
↑
(Note 3)
l
100
ns
t5
SDI Hold After SCK
↑
(Note 3)
l
100
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All voltage values are with respect to GND. VCC = 2.7V to 5.5V
unless otherwise specified.
VREFCM = VREF/2, FS = VREF
VIN = VIN+ – VIN–, –VREF ≤ VIN ≤ VREF; VINCM = (VIN+ + VIN–)/2.
Note 3. Guaranteed by design, not subject to test.
Note 4. Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
Guaranteed by design and test correlation.
Note 5:
CS = VCC. A positive current is flowing into the DUT pin.
Note 6: SCK = VCC or GND. SDO is high impedance.
Note 7: See Figure 4.
Note 8: See Figure 5.
Note 9: Input sampling current is the average input current drawn from the
input sampling network while the LTC2460/LTC2462 is actively sampling
the input.
Note 10: A positive current is flowing into the DUT pin.
Note 11: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
TIMING CHARACTERISTICS
The
l denotes the specifications which apply over the full
operating temperature range,otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l VCC – 0.3
V
VIL
Low Level Input Voltage
l
0.3
V
IIN
Digital Input Current
l
–10
10
μA
CIN
Digital Input Capacitance
10
pF
VOH
High Level Output Voltage
IO = –800μA
l VCC – 0.5
V
VOL
Low Level Output Voltage
IO = 1.6mA
l
0.4
V
IOZ
Hi-Z Output Leakage Current
l
–10
10
μA
DIGITAL INPUTS AND DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com