Electronic Components Datasheet Search
  English  ▼

X  

LTC2938CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2938CMS
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2938CMS Datasheet HTML 8Page - Linear Technology LTC2938CMS Datasheet HTML 9Page - Linear Technology LTC2938CMS Datasheet HTML 10Page - Linear Technology LTC2938CMS Datasheet HTML 11Page - Linear Technology LTC2938CMS Datasheet HTML 12Page - Linear Technology LTC2938CMS Datasheet HTML 13Page - Linear Technology LTC2938CMS Datasheet HTML 14Page - Linear Technology LTC2938CMS Datasheet HTML 15Page - Linear Technology LTC2938CMS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC2938/LTC2939
12
293839ff
APPLICATIONS INFORMATION
Figure 3. Setting the Positive Adjustable Trip Point
Using the Adjustable Thresholds
The reference inputs on the V3 and/or V4 comparators are
set to 0.5V when the positive adjustable modes are se-
lected (Figure 3). The LTC2939 V5 and V6 comparators are
always in positive adjustable mode with a 0.5V reference.
The tap point on an external resistive divider, connected
between the positive voltage being sensed and ground, is
connected to the high impedance, adjustable inputs (V3,
V4, V5 and V6). Calculate the trip voltage from:
VV
R
R
TRIP =+
⎛
⎝⎜
⎞
⎠⎟
05
1
3
4
.•
In a negative adjustable application, the minimum value for
R4 is limited by the sourcing capability of VREF (±1mA).
With no other load on VREF, R4 (minimum) is:
1 210
1
1 210
.
.
V
mA
k
=
Tables 2 and 3 offer suggested 1% resistor values for
various adjustable applications assuming 5% monitor
thresholds.
Table 2. Suggested 1% Resistor Values for the ADJ Inputs
VSUPPLY (V)
VTRIP (V)
R3 (kΩ)
R4 (kΩ)
12
11.25
2150
100
10
9.4
1780
100
8
7.5
1400
100
7.5
7
1300
100
6
5.6
1020
100
5
4.725
845
100
3.3
3.055
511
100
3
2.82
464
100
2.5
2.325
365
100
1.8
1.685
237
100
1.5
1.410
182
100
1.2
1.120
124
100
1
0.933
86.6
100
0.9
0.840
68.1
100
Table 3. Suggested 1% Resistor Values for the Negative
ADJ Inputs
VSUPPLY (V)
VTRIP (V)
R3 (kΩ)
R4 (kΩ)
–2
–1.87
1.87
121
–5
–4.64
464
121
–5.2
–4.87
487
121
–10
–9.31
931
121
–12
–11.30
1130
121
Although all of the supply monitor comparators have
built-in glitch immunity, bypass capacitors on V1 and V2
are recommended because the greater of V1 or V2 is also
the supply for the device. Filter capacitors on the V3, V4,
V5 and V6 inputs are allowed.
In the negative adjustable mode, the high impedance,
adjustable input on the V4 comparator is connected to
ground (Figure 4). The tap point on an external resistive
divider, connected between the negative voltage being
sensed and the VREF output, is connected to the high
impedance adjustable input (V4). VREF provides the nec-
essary level shift required to operate at ground. The nega-
tive trip voltage is calculated from:
VV
R
R
VV No
al
TRIP
REF
REF
= −
=
•;
.
min
3
4
1 210
Figure 4. Setting the Negative Adjustable Trip Point
+
– 0.5V
293839 F03
V3, V4, V5 OR V6
VTRIP
R3
1%
R4
1%
LTC2938/LTC2939
293839 F04
V4
VREF
VTRIP
R4
1%
R3
1%
LTC2938/LTC2839



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com