Electronic Components Datasheet Search
  English  ▼

X  

LTC2938CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2938CMS
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938CMS Datasheet(HTML) 2 Page - Linear Technology

  LTC2938CMS Datasheet HTML 1Page - Linear Technology LTC2938CMS Datasheet HTML 2Page - Linear Technology LTC2938CMS Datasheet HTML 3Page - Linear Technology LTC2938CMS Datasheet HTML 4Page - Linear Technology LTC2938CMS Datasheet HTML 5Page - Linear Technology LTC2938CMS Datasheet HTML 6Page - Linear Technology LTC2938CMS Datasheet HTML 7Page - Linear Technology LTC2938CMS Datasheet HTML 8Page - Linear Technology LTC2938CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2938/LTC2939
2
293839ff
ABSOLUTE MAXIMUM RATINGS
V1, V2, V3, V4, V5, V6, VPG ......................... –0.3V to 7V
RST.............................................................. –0.3V to 7V
CWT, WDO.................................................... –0.3V to 7V
CRT, VREF, WDI..............................–0.3V to (VCC + 0.3V)
Reference Load Current (IVREF)..............................±1mA
V4 Input Current (–ADJ Mode) ..............................–1mA
RST, WDO Currents ............................................±10mA
(Notes 1, 2, 3)
12
11
10
9
8
7
13
1
2
3
4
5
6
V2
V4
VREF
VPG
GND
CWT
V3
V1
CRT
RST
WDO
WDI
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
V3
V1
CRT
RST
WDO
WDI
12
11
10
9
8
7
V2
V4
VREF
VPG
GND
CWT
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 130°C/W
1
2
3
4
5
6
7
8
V5
V3
V1
NC
CRT
RST
WDO
WDI
16
15
14
13
12
11
10
9
V6
V2
V4
NC
VREF
VPG
GND
CWT
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 110°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2938CDE#PBF
LTC2938CDE#TRPBF
2938
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2938IDE#PBF
LTC2938IDE#TRPBF
2938
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2938HDE#PBF
LTC2938HDE#TRPBF
2938
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC2938CMS#PBF
LTC2938CMS#TRPBF
2938
12-Lead Plastic MSOP
0°C to 70°C
LTC2938IMS#PBF
LTC2938IMS#TRPBF
2938
12-Lead Plastic MSOP
–40°C to 85°C
LTC2938HMS#PBF
LTC2938HMS#TRPBF
2938
12-Lead Plastic MSOP
–40°C to 125°C
LTC2939CMS#PBF
LTC2939CMS#TRPBF
2939
16-Lead Plastic MSOP
0°C to 70°C
LTC2939IMS#PBF
LTC2939IMS#TRPBF
2939
16-Lead Plastic MSOP
–40°C to 85°C
LTC2939HMS#PBF
LTC2939HMS#TRPBF
2939
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC2939C..................................................... 0°C to 70°C
LTC2939I.................................................. –40°C to 85°C
LTC2939H .............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering 10 sec)
MS Package Only.............................................. 300°C
LTC2938
LTC2938
LTC2939



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com