Electronic Components Datasheet Search
  English  ▼

X  

LA3370 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA3370
Description  PLL FM Multiplex Stereo Demodulator for Car Stereo
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3370 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA3370 Datasheet HTML 1Page - Sanyo Semicon Device LA3370 Datasheet HTML 2Page - Sanyo Semicon Device LA3370 Datasheet HTML 3Page - Sanyo Semicon Device LA3370 Datasheet HTML 4Page - Sanyo Semicon Device LA3370 Datasheet HTML 5Page - Sanyo Semicon Device LA3370 Datasheet HTML 6Page - Sanyo Semicon Device LA3370 Datasheet HTML 7Page - Sanyo Semicon Device LA3370 Datasheet HTML 8Page - Sanyo Semicon Device LA3370 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LA3370
No.619-2/11
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCCmax
16
V
Lamp driving current
IL
40
mA
Allowable power dissipation
Pd max
Ta
≤45°C
520
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
6.5 to 14
V
Input signal voltage
VIN
200 to 300
mV
Operation Characteristics at Ta=25°C, VCC=10V, VIN=300mV, f=1kHz, L+R=90%, pilot=10%
See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Quiescent current
Icco
21
27
mA
Channel separation
Sep
40
50
dB
Monaural distortion
mono THD
Mono=300mV
0.05
0.2
%
Stereo distortion
ST THD
Main
0.05
0.2
%
Lamp turning-on level
VL
L+R=90%, pilot=10%
60
85
120
mV
Hysteresis
hy
3
6
dB
Capture range
CR
Pilot=30mV
±3
%
Output signal level
VO
Sub
140
200
280
mV
S/N ratio
S/N
70
78
dB
Input resistance
ri
20
k
Ω
SCA rejection
SCArej
80
dB
Allowable input voltage
VIN
THD=1%
700
800
mV
SNC output attenuation
Att SNC
V8=0.6V, L–R=90%, pilot=10%
–8.5
–3.0
–0.3
dB
SNC output voltage
VO sub
V8=0.1V, L–R=90%, pilot=10%
5
mV
HCC output attenuation
Att HCC 1
V7=0.6V, L+R=90%, pilot=10%
–15.0
–6.0
–0.5
dB
Att HCC 2
V7=1V, L+R=90%, pilot=10%
–2.0
0
dB
Power ripple rejection
Rr
35
dB
VCO stopping voltage
VCO stop
6.8
V
Channel balance
CH Ba
0.5
1.5
dB
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com