Electronic Components Datasheet Search
  English  ▼

X  

LA3370 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA3370
Description  PLL FM Multiplex Stereo Demodulator for Car Stereo
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3370 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA3370 Datasheet HTML 1Page - Sanyo Semicon Device LA3370 Datasheet HTML 2Page - Sanyo Semicon Device LA3370 Datasheet HTML 3Page - Sanyo Semicon Device LA3370 Datasheet HTML 4Page - Sanyo Semicon Device LA3370 Datasheet HTML 5Page - Sanyo Semicon Device LA3370 Datasheet HTML 6Page - Sanyo Semicon Device LA3370 Datasheet HTML 7Page - Sanyo Semicon Device LA3370 Datasheet HTML 8Page - Sanyo Semicon Device LA3370 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LA3370
No.619-3/11
SNC (stereo noise control) and HCC (high-cut control)
The LA3370 has SNC and HCC terminals for improved S/N ratios when operating in weak radio fields. By adjusting
the SNC terminal, noises unique to stereo FM in weak fields can be reduced. The HCC terminals permits further
improvement of effective S/N ratios by lowering treble levels of FM noises in weak fields. (See Fig.2)
STEREO deteriorates approximately 21.7dB (compared to MONO) in weak radio fields (Fig.2). Generally, when
S/N ratios deteriorate below 30 to 40dB, noises become quite noticeable. Section (1) shows ways to set SNC and
HCC when radio field strengths are divided into 3 regions, A, B, and C (Fig.2). SNC is expected to function in region
A, and HCC in region B. In region C, shallow muting is effected in the IF stage.
Sample Application Circuit and Equivalent Circuit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com