Electronic Components Datasheet Search
  English  ▼

X  

NIPCI-6040E Datasheet(PDF) 7 Page - National Instruments Corporation

Part # NIPCI-6040E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6040E Datasheet(HTML) 7 Page - National Instruments Corporation

Back Button NIPCI-6040E Datasheet HTML 3Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 4Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 5Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 6Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 7Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 8Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 9Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 10Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 11Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
12-Bit E Series Multifunction
DAQ Specifications
235
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Analog Output
Output Characteristics
Resolution......................................................... 12 bits, 1 in 4,096
Maximum update rate
Data transfers
PCI, PXI, DAQPad for IEEE 1394 ................ DMA, interrupts, programmed I/O
DAQCard, DAQPad for USB....................... Interrupts, programmed I/O
DMA modes
PCI, PXI, DAQPad....................................... Scatter-gather (single transfer, demand transfer)
Transfer Characteristics
Relative accuracy
After calibration
6062E, DAQCard-6024E ...................... ±0.5 LSB typical, ±1.0 LSB maximum
All others ............................................ ±0.3 LSB typical, ±0.5 LSB maximum
Before calibration ...................................... ±4 LSB maximum
DNL
After calibration
6062E, DAQCard-6024E ...................... ±0.5 LSB typical, ±1.0 LSB maximum
All others ............................................ ±0.3 LSB typical, ±1.0 LSB maximum
Before calibration ...................................... ±3 LSB maximum
Monotonicity .................................................... 12 bits, guaranteed after calibration
Gain error (relative to external reference)
6062E, 6020E ............................................. ±0.5% of output maximum, not adjustable
607xE, 6040E ............................................. 0 to 0.67% of output maximum, not adjustable
Voltage Output
Output coupling ................................................ DC
Output impedance ............................................ 0.1 Ω maximum
Current drive..................................................... ±5 mA maximum
Protection ......................................................... Short-circuit to ground
Power-on state ................................................. 0 V (±200 mV)
External Reference Input
Range......................................................... 11 V
Overvoltage protection
607xE, 6062E, 6040E .......................... ±25 V powered on, ±15 V powered off
6020E .................................................. ±35 V powered on, ±25 V powered off
Input impedance ........................................ 10 kΩ
Bandwidth (-3 dB)
607xE, 6040E ...................................... 1 MHz
6062E .................................................. 50 kHz
6020E .................................................. 300 kHz
Dynamic Characteristics
Noise ................................................................ 200 µVrms, DC to 1 MHz
Glitch energy magnitude (at mid-scale transition)
Stability
Gain temperature coefficient (except 6024E, 6025E)
External reference ..................................... ±25 ppm/°C
Specifications – NI 607xE, NI 606xE, NI 6040E, NI 602xE (continued)
Number of Channels
607xE
2 voltage outputs
6062E
6040E
6020E
6024E
6025E
6023E
None
Waveform Generation
FIFO Mode
Non-FIFO Mode
Internally
Externally
Device
Timed
Timed
1 Channel
2 Channels
607xE
1 MS/s
950 kS/s
800 kS/s,
400 kS/s,
6040E
system dependent
system dependent
6062E
850 kS/s
850 kS/s
800 kS/s,
400 kS/s,
system dependent
system dependent
6023E
N/A
N/A
10 kS/s with DMA
10 kS/s with DMA
PCI-6024E
1 kS/s with interrupts
1 kS/s with interrupts
6025E
system dependent
system dependent
DAQCard-6024E
N/A
N/A
1 kS/s with interrupts
1 kS/s with interrupts
system dependent
system dependent
DAQPad-6020E
N/A
N/A
20 S/s,
20 S/s,
system dependent
system dependent
FIFO Buffer Size
607xE, 6062E
2,048 samples
6040E
512 samples
602xE
None
Ranges
607xE, 6040E,
±10 V, 0 to 10 V, ±EXT REF, 0 to EXT REF;
6020E
software selectable
6062E
±10 V, ±EXT REF, software selectable
6024E, 6025E
±10 V
Device
Settling Time for Full-Scale Step
Slew Rate
607xE
3 µs to ±0.5 LSB accuracy
20 V/µs
6062E
6040E
602xE
10 µs to ±0.5 LSB accuracy
10 V/µs
Device
Reglitching Disabled
Reglitching Enabled
607xE, 604xE
±20 mV
±4 mV
PCI-6024E
±42 mV
N/A
6025E
DAQCard-6024E
±13 mV
N/A
6020E
±100 mV
N/A
6062E
±80 mV
±30 mV
Glitch Duration (At Mid-Scale Transition)
607xE
1.5 µs
6040E
6024E
2 µs
6025E
6020E
3 µs
6062E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com