Electronic Components Datasheet Search
  English  ▼

X  

NIPCI-6040E Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPCI-6040E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6040E Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPCI-6040E Datasheet HTML 1Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 2Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 3Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 4Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 5Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 6Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 7Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 8Page - National Instruments Corporation NIPCI-6040E Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Full-Featured E Series Multifunction DAQ
12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
201
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Recommended Accessories
Signal conditioning is required for sensor measurements or voltage
inputs greater than 10 V. National Instruments SCXI is a versatile,
high-performance signal conditioning platform, intended for high-
channel-count applications. NI SCC products provide portable,
flexible signal conditioning options on a per-channel basis. Both
signal conditioning platforms are designed to increase the
performance and reliability of your DAQ System, and are up to 10X
more accurate than terminal blocks (please visit ni.com/sigcon for
more details). Refer to the table below for more information:
NI PXI-6071E ................................................................777676-01
NI PCI-6071E ................................................................777515-01
NI PXI-6070E ................................................................777060-01
NI PCI-6070E ................................................................777305-01
NI DAQPad-6070E for FireWire ..........................(See page 207)
NI DAQCard-6062E ..............................................(See page 207)
NI PXI-6052E ................................................................777962-01
NI PCI-6052E ................................................................777745-01
NI DAQPad-6052E for FireWire ..........................(See page 207)
NI PXI-6040E ................................................................777484-01
NI PCI-6040E ................................................................777383-01
NI PCI-6033E ................................................................777516-01
NI PCI-6032E ................................................................777422-01
NI PXI-6031E ................................................................777636-01
NI PCI-6031E ................................................................777514-01
NI PXI-6030E ................................................................777555-01
NI PCI-6030E ................................................................777384-01
NI DAQPad-6020E for USB ..................................(See page 207)
Includes NI-DAQ driver software and calibration certificate.
For more information on warranty and value-added services,
see page 20.
BUY ONLINE!
Visit ni.com/dataacquisition
Ordering Information
Sensor/Signals (>10 V)
System Description
DAQ Device
Signal Conditioning
Page
High performance
PCI-60xxE, PXI-60xxE, DAQPad-60xxE
SCXI
270
Low-cost, portable
PCI-60xxE, PXI-60xxE, DAQPad-60xxE
SCC
251
Signals (<10 V)1
System Description
DAQ Device
Terminal Block
Cable
Page
Shielded
PCI-60xxE/DAQPad-60xxE
SCB-68
SH6868-EP
214
Shielded
PXI-60xxE
TB-2705
SH6868-EP
214
Shielded
PCI-6071E/PCI-6033E/PCI-6031E
SCB-100
SH100100
214
Shielded
PXI-6071E/PXI-6031E
Two TBX-68s
SH1006868
214
Shielded
DAQPad-60xxE
SCB-68
SHC6868-EP
214
Low-Cost
PCI-60xxE/PXI-60xxE/DAQPad-60xxE
CB-68LP
R6868
214
Low-Cost
DAQCard-60xxE
CB-68LP
RC6868
214
1Terminal Blocks do not provide signal conditioning (ie. filtering, amplification, isolation, etc.), which may be necessary to
increase the accuracy of your measurements.
Full-Featured E Series
Low-Cost E Series
Basic
Models
NI 6030E, NI 6031E,
NI 6052E
NI 6070E, NI 6071E
NI 6040E
NI 6034E, NI 6036E
NI 6023E, NI 6024E,
PCI-6013, PCI-6014
NI 6032E, NI 6033E
NI 6025E
Measurement Sensitivity* (mV)
0.0023
0.0025
0.009
0.008
0.0036
0.008
0.004
Nominal Range (V)
Positive FS
Negative FS
Absolute Accuracy (mV)
10
-10
1.147
4.747
14.369
15.373
7.56
16.504
8.984
5-5
2.077
0.876
5.193
5.697
1.79
5.263
2.003
2.5
-2.5
–
1.190
3.605
3.859
–
–
–
2-2
0.836
–
–
–
–
–
–
1-1
0.422
0.479
1.452
1.556
–
–
–
0.5
-0.5
0.215
0.243
0.735
0.789
0.399
0.846
0.471
0.25
-0.25
–
0.137
0.379
0.405
–
–
–
0.2
-0.2
0.102
–
–
–
–
–
–
0.1
-0.1
0.061
0.064
0.163
0.176
–
–
–
0.05
-0.05
–
0.035
0.091
0.100
0.0611
0.106
0.069
10
0
0.976
1.232
6.765
7.269
–
–
–
50
1.992
2.119
5.391
5.645
–
–
–
20
0.802
0.850
2.167
2.271
–
–
–
10
0.405
0.428
1.092
1.146
–
–
–
0.5
0
0.207
0.242
0.558
0.583
–
–
–
0.2
0
0.098
0.111
0.235
0.247
–
–
–
0.1
0
0.059
0.059
0.127
0.135
–
–
–
Note: Accuracies are valid for measurements following an internal calibration. Measurement accuracies are listed for operational temperatures within ±1 °C of internal calibration temperature and ±10 °C of external or factory-calibration temperature. One-year
calibration interval recommended. The Absolute Accuracy at Full Scale calculations were performed for a maximum range input voltage (for example, 10 V for the ±10 V range) after one year, assuming 100 pt averaging of data.*Smallest detectable voltage change in
the input signal at the smallest input range.
Table 4. Recommended Accessories
Full-Featured E Series
Low-Cost E Series
Basic
Models
NI 6030E, NI 6031E,
NI 6052E
NI 6070E, NI 6071E
NI 6040E
PCI-6036E
PCI-6024E, NI 6025E,
NI 6013, NI 6014
NI 6032E, NI 6033E
Nominal Range (V)
Positive FS
Negative FS
Absolute Accuracy (mV)
10
-10
1.43
1.405
8.127
8.127
2.417
8.127
3.835
10
0
1.201
1.176
5.685
5.685
–
–
–
Table 3. E Series Analog Output Absolute Accuracy Specifications
Table 2. E Series Analog Input Absolute Accuracy Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com