Electronic Components Datasheet Search
  English  ▼

X  

FYLS-3528GC Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-3528GC
Description  SMD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-3528GC Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-3528GC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD
Selection Guide
IV(mcd)@20mA
Viewing
Angle
Part No.
Dice
lens type
Min
Typ
2θ1/2
FYLS-3528GC
Green(GaP)
Water clear
22
40
120
Electrical/Optical Characteristics at Ta=25゜с
Symbol
Parameter
Device
min.
typ.
units
test conditions
λd
Dominate
wavelength
Green
567
570
nm
IF=20mA
VF
Forward Voltage
1.6
2.0
V
IF=20mA
IR
Reverse Current
5
A
VR=5V
Absolute Maximum Ratings At= 25゜с
Parameter
White
Units
Power dissipation
70
mW
DC Forward Current
25
mA
Peak Forward Current(1)
140
mA
Reverse Voltage
5
V
Operating/storage Temperature
-40℃ to +85℃
Note:
1.
1/10 Duty Cycle, 0.1ms Pulse Width.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com