Electronic Components Datasheet Search
  English  ▼

X  

FYLS-3528GC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-3528GC
Description  SMD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-3528GC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-3528GC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528GC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD
Ambient Temperature TA(
)
L u m i n o u s
I n t e n s i t y
V s . f o r w a r d
C u r r e n t
Forward Current(mA)
Forward Current Derating Curve
L u m i n o u s
I n t e n s i t y
V s .
A m b i e n t
T e m p e r a t u r e
Ambient Temperature TA(
)
C
C
0
1 0
2 0
3 0
4 0
5 0
6 0
0
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
9 0
10
0
100
1000
100
1000
0
-60
-35
-10
15
40
65
90
1
10
100
1000
2.4
0
10
F o r w a r d
V o l t a g e ( V F ) -
v o l t s
L u m i n o u s
I n t e n s i t y
V s . f o r w a r d
C u r r e n t
20
30
40
50
2.8
3.2
3.6
4.0
4.4
Reliability Test items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Items
test condition
test
Hours/Cycles
sample
Size
Ac/Rc
1
Reflow
Temp:240℃±5℃ Min:5sec
6Min
22pcs
0/1
2
Temperature cycle
H: +100℃ 15min.~5min
L:-40℃~
15min
300 Cycles
22pcs
0/1
3
Thermal shock
H: +100℃ 5min.~10sec.
L:-10℃ 5min
300 Cycles
22pcs
0/1
4
High
Temperature
Storage
temp:100℃
1000hrs.
22pcs
0/1
5
LOW Temperature Storage
temp:-55℃
1000hrs.
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs.
22pcs
0/1
7
High
Temperature /High
Humidity
85℃/R,H80%
1000hrs.
22pcs
0/1
(1)GaP & AlGaInP 568/Green
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com