Electronic Components Datasheet Search
  English  ▼

X  

BC177 Datasheet(PDF) 1 Page - Seme LAB

Part # BC177
Description  GENERAL PURPOSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC177 Datasheet(HTML) 1 Page - Seme LAB

  BC177 Datasheet HTML 1Page - Seme LAB BC177 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC177
BC178
BC179
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
GENERAL PURPOSE
SMALL SIGNAL
PNP BIPOLAR TRANSISTOR
FEATURES
• SILICON NPN
• HERMETICALLY SEALED TO18
• SCREENING OPTIONS AVAILABLE
VCBO
Collector – Base Continuous Voltage
VCEO
Collector – Emitter Continuous Voltage With Zero Base Current
VCES
Collector – Emitter Continuous Voltage With Base Shortcircuited to Emitter
VEBO
Emitter – Base Continuous Voltage Reverse Voltage
IC
Continuous Collector Current
PD
Power Device Dissipation @ TA = 25°C
Derate above 25°C
PD
Power Device Dissipation @ TC = 25°C,
Derate above 25°C
Tj, Tstg
Operating and Storage Junction to Case
-5V
-0.1A
0.3W
500W/°C
0.75W
200W/°C
-65 to +175°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–18 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector

!
2. 54 ( 0 . 100)
No m .
0. 48 ( 0 . 019)
0. 41 ( 0 . 016)
di a.
5. 84 ( 0 . 230)
5. 31 ( 0 . 209)
4. 95 ( 0 . 195)
4. 52 ( 0 . 178)
5
.
3
3
(
0
.
2
1
0
)
4
.
3
2
(
0
.
1
7
0
)
1
2
.
7
(
0
.
5
0
0
)
m
i
n
.
BC177
BC178
BC179
-50V
-45V
-50V
-30V
-25V
-30V
-25V
-20V
-25V
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5760
Issue 1
APPLICATIONS
The BC 177, BC 178 & BC 179 are silicon
epitaxial planar PNP transistors in TO-18
metal case. They are suitablefor use in
driver audio stages, low noise input audio
stages and as low power, high gain general
purpose transistors.


Similar Part No. - BC177

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC177 PHILIPS-BC177 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jun 04
logo
STMicroelectronics
BC177 STMICROELECTRONICS-BC177 Datasheet
77Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
logo
Siemens Semiconductor G...
BC177 SIEMENS-BC177 Datasheet
269Kb / 8P
PNP SILICON TRANSISTORS
logo
Micro Electronics
BC177 MICRO-ELECTRONICS-BC177 Datasheet
225Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Comset Semiconductor
BC177 COMSET-BC177 Datasheet
151Kb / 3P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
More results

Similar Description - BC177

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com