Electronic Components Datasheet Search
  English  ▼

X  

BC177 Datasheet(PDF) 2 Page - Seme LAB

Part # BC177
Description  GENERAL PURPOSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC177 Datasheet(HTML) 2 Page - Seme LAB

  BC177 Datasheet HTML 1Page - Seme LAB BC177 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BC177
BC178
BC179
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCE = -20V
VBE = 0
Tamb = 150°C
IC = -10µA
BC177
BC178
BC179
IC = -2mA
BC177
IE = 0
BC178
BC179
IE = -10µAIC = 0
VCE = -5V
BC177A
IC = -2mA
BC177B
f = 1kHz
BC178A
BC178B
BC179A
BC179B
IB = -0.5mA
IC = -10mA
IB = -5mA
IC = -100mA
IB = -0.5mA
IC = -10mA
IB = -5mA
IC = -100mA
VCE = -5V
IC = -2mA -5V
VCE = -5V
IC = -10mA
f = 100MHz
VCE = -5V
BC177
f = 1kHz
BC178
IC = -0.2mA
BC179
IC = -0.2mA
VCB = -10V
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
ICES
Collector-Emitter Leakage Current
V(BR)CBO
Collector Base Breakdown Voltage
V(BR)CEO
Collector Emitter Breakdown Voltage
V(BR)EBO
Emitter Breakdown Voltage
hFE
DC Current Gain
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
VBE(on)
Base – Emitter on Voltage
fT
Transition Frequency
NF
Noise Figure
Ccbo
Collector Base Capacitance
-100
-10
-50
-30
-25
-45
-25
-20
-5
125
260
240
500
125
260
240
500
125
260
240
500
-0.075
-0.25
-0.2
-0.72
-0.8
-0.86
-0.55
-0.64
-0.75
200
210
210
1.2
4
5.0
nA
µA
V
V
V
—
V
V
V
MHz
dB
pF
Document Number 5760
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com