Electronic Components Datasheet Search
  English  ▼

X  

IRFG110 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFG110
Description  14 LEAD DUAL IN LINE QUAD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFG110 Datasheet(HTML) 1 Page - Seme LAB

  IRFG110 Datasheet HTML 1Page - Seme LAB IRFG110 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N7334
IRFG110
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 10V , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 10V , Tcase = 100°C)
IDM
Pulsed Drain Current
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
RθJC
Thermal Resistance Junction to Case
RθJCA
Thermal Resistance Junction-to-Ambient
±20V
1.A
0.6A
4A
1.4W
0.011W/°C
75mJ
5.5V/ns
–55 to 150°C
6.25°C/W
175°C/W
MECHANICAL DATA
Dimensions in mm (inches)
14
1
8
7
2.134
(0.084)
1.422 ± 0.102
(0.056 ± 0.004)
2.54
(0.100)
0.457 ± 0.102
(0.018 ± 0.004)
19.507 ± 0.432
(0.768 ± 0.017)
ABSOLUTE MAXIMUM RATINGS(T
case = 25°C unless otherwise stated)
14 LEAD MOULDED DIP PACKAGE
Notes
1) Pulse Test: Pulse Width
≤ 300µs, δ≤ 2%
2) @ VDD = 25V , L ≥ 112mH , RG = 25Ω , Peak IL = 1A , Starting TJ = 25°C
3) @ ISD ≤ 1A , di/dt ≤ 75A/µs , VDD ≤ BVDSS , TJ ≤ 150°C , Suggested RG = 24Ω
14 LEAD DUAL IN LINE QUAD
N-CHANNEL
POWER MOSFETS
FEATURES
• AVALANCHE ENERGY RATED
• HERMETICALLY SEALED
• DYNAMIC dv/dt RATING
• SIMPLE DRIVE REQUIREMENTS
• FOR AUTOMATIC INSERTION
• SIMPLE DRIVE REQUIREMENTS
• EASE OF PARALLELING
• 4 N-CHANNEL CO-PACKAGED HEXFETS
• LIGHTWEIGHT
N-CHANNEL
1—Drain 1
2—Source 1
3—Gate 1
N-CHANNEL
5—Gate 2
6—Source 2
7—Drain 2
N-CHANNEL
8—Drain 3
9—Source3
10—Gate 3
N-CHANNEL
12—Gate 4
13—Source 4
14—Drain 4
BVDSS
±100V
ID(cont)
1A
RDS(on)
0.7
Ω
Ω
11,4—NC
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5829
Issue 1


Similar Part No. - IRFG110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG110 IRF-IRFG110 Datasheet
221Kb / 7P
POWER MOSFET THRU-HOLE (MO-036AB)
IRFG110 IRF-IRFG110 Datasheet
273Kb / 7P
POWER MOSFET THRU-HOLE (MO-036AB)
IRFG110 IRF-IRFG110 Datasheet
273Kb / 7P
Simple Drive Requirements
IRFG110 IRF-IRFG110_15 Datasheet
273Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFG110

ManufacturerPart #DatasheetDescription
logo
Sames
2N7336 SAMES-2N7336 Datasheet
45Kb / 3P
14 LEAD DUAL IN LINE QUAD N & P CHANNEL POWER MOSFETS
logo
EUROQUARTZ limited
G14 EUROQUARTZ-G14 Datasheet
222Kb / 1P
14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
HPA14 EUROQUARTZ-HPA14 Datasheet
208Kb / 1P
14 pin Dual-in-Line
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
14 pin Dual-in-Line
logo
Seme LAB
2N7336 SEME-LAB-2N7336 Datasheet
49Kb / 3P
14 LEAD DUAL IN LINE QUAD
logo
EUROQUARTZ limited
HDW14 EUROQUARTZ-HDW14 Datasheet
101Kb / 1P
14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
14 pin Dual-in Line
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
14 pin Dual-in-Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com