Electronic Components Datasheet Search
  English  ▼

X  

IRFG110 Datasheet(PDF) 2 Page - Seme LAB

Part # IRFG110
Description  14 LEAD DUAL IN LINE QUAD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFG110 Datasheet(HTML) 2 Page - Seme LAB

  IRFG110 Datasheet HTML 1Page - Seme LAB IRFG110 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N7334
IRFG110
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
100
0.13
0.70
0.80
24
0.86
25
250
100
–100
180
82
15
15
7.5
7.5
20
25
40
40
1
4
1.5
200
0.83
Negligible
4.0
6.0
VGS = 0
ID = 1mA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = 0.6A
VGS = 10V
ID = 1A
VDS = VGS
ID = 250µA
VDS ≥ 15V
IDS = 0.60A
VGS = 0
VDS = 0.8VDSS
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
ID = 1A
VDS = 0.5VDS
VDD = 50V
ID = 1A
RG = 24Ω
IS = 1.0A
TJ = 25°C
VGS = 0
IF = 1A
TJ = 25°C
di / dt ≤ 100A/µsVDD ≤ 50V
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 2
Diode Forward Voltage 1
Reverse Recovery Time
Reverse Recovery Charge
Forward Turn–On Time
V
V/°C
Ω
V
S(
Ω
µA
nA
pF
nC
ns
A
V
ns
µC
nH
BVDSS
∆BV
DSS
∆T
J
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
LD
LS
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
≤ 300µs, δ≤ 2%
2) Repetitive Rating – Pulse width limited by maximum junction temperature.
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Internal Drain Inductance (from centre of drain pad to die)
Internal Source Inductance (from centre of source pad to end of source bond wire)
PACKAGE CHARACTERISTICS
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5829
Issue 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com