Electronic Components Datasheet Search
  English  ▼

X  

M48T201Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T201Y_09 Datasheet HTML 5Page - STMicroelectronics M48T201Y_09 Datasheet HTML 6Page - STMicroelectronics M48T201Y_09 Datasheet HTML 7Page - STMicroelectronics M48T201Y_09 Datasheet HTML 8Page - STMicroelectronics M48T201Y_09 Datasheet HTML 9Page - STMicroelectronics M48T201Y_09 Datasheet HTML 10Page - STMicroelectronics M48T201Y_09 Datasheet HTML 11Page - STMicroelectronics M48T201Y_09 Datasheet HTML 12Page - STMicroelectronics M48T201Y_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
M48T201Y, M48T201V
Description
9/37
Figure 3.
Hardware hookup
1.
If the second chip enable pin (E2) is unused, it should be tied to VOUT.
AI00604
32,768 Hz
CRYSTAL
LITHIUM
CELL
A0-A18
DQ0-DQ7
E
VCC
W
G
WDI
RSTIN1
RSTIN2
VSS
E
E2
(1)
W
G
VCC
VSS
A0-Axx
DQ0-DQ7
0.1
μF
0.1
μF
5V
ECON
GCON
RST
IRQ/FT
SQW
M48T201Y/V
CMOS
SRAM
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com