Electronic Components Datasheet Search
  English  ▼

X  

M48T201Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T201Y
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201Y Datasheet(HTML) 5 Page - STMicroelectronics

  M48T201Y_09 Datasheet HTML 1Page - STMicroelectronics M48T201Y_09 Datasheet HTML 2Page - STMicroelectronics M48T201Y_09 Datasheet HTML 3Page - STMicroelectronics M48T201Y_09 Datasheet HTML 4Page - STMicroelectronics M48T201Y_09 Datasheet HTML 5Page - STMicroelectronics M48T201Y_09 Datasheet HTML 6Page - STMicroelectronics M48T201Y_09 Datasheet HTML 7Page - STMicroelectronics M48T201Y_09 Datasheet HTML 8Page - STMicroelectronics M48T201Y_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
M48T201Y, M48T201V
List of figures
5/37
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
SOIC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
GCON timing when switching between RTC and external SRAM . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
Read cycle timing: RTC and external RAM control signals . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Write cycle timing: RTC and external RAM control signals. . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
Alarm interrupt reset waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 8.
Backup mode alarm waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9.
RSTIN1 and RSTIN2 timing waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 10.
Crystal accuracy across temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 11.
Calibration waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 12.
Supply voltage protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 13.
AC testing load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 14.
Power down/up mode AC waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 15.
SOH44 – 44-lead plastic small outline, SNAPHAT®, package outline . . . . . . . . . . . . . . . . 31
Figure 16.
SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package outline. . . . . . . . . 32
Figure 17.
SH – 4-pin SNAPHAT® housing for 120 mAh battery & crystal, pack. outline . . . . . . . . . . 33
Figure 18.
Recycling symbols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com