Electronic Components Datasheet Search
  English  ▼

X  

HUMMER Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HUMMER
Description  Powers DC/DC converters with 28 Vin nominal
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HUMMER Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HUMMER Datasheet HTML 1Page - Interpoint Corporation Company HUMMER Datasheet HTML 2Page - Interpoint Corporation Company HUMMER Datasheet HTML 3Page - Interpoint Corporation Company HUMMER Datasheet HTML 4Page - Interpoint Corporation Company HUMMER Datasheet HTML 5Page - Interpoint Corporation Company HUMMER Datasheet HTML 6Page - Interpoint Corporation Company HUMMER Datasheet HTML 7Page - Interpoint Corporation Company HUMMER Datasheet HTML 8Page - Interpoint Corporation Company HUMMER Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN OUT
3
HUMMER SERIES
40 OR 70 WATT
®
Pin
HUM-40 (40 Watt)
HUM-70 (70 Watt)
1
No connection
Sync
2
VCS (Voltage Control Switch)
Cap Charged Flag
3+ CEXT (Ext. Capacitor, Positive)
Inhibit
4
CEXT Return (Ext. Capacitor, Return)
Power Fail Flag
5Input Common
No connection
6
Positive Input
No connection
7
Case Ground
VCS (Voltage Control Switch)
8
Cap Charged Flag
+ CEXT (Ext. Capacitor, Positive)
9
Inhibit
CEXT Return (Ext. Capacitor, Return)
10
Power Fail Flag
Input Common
11
N/A
Positive Input
12
N/A
No connection
Dot on top of cover indicates pin one.
BOTTOM VIEW
HUM-40
FLANGED AND NON-FLANGED
See Section B8, cases F2,
and J2, for dimensions.
Dotted line outlines flanged package option.
10
9876
12345
Angled corner indicates pin one.
TOP VIEW
HUM-70
(Pin side, marked side)
See Section B8, case U1, for dimensions.
1
2
3
4
5
6
12
11
10
9
8
7
HUM - 40
F
/
ES
Base Model
Output Power
Screening
Case Option
(Non-flanged case has no designator in
this position)
(Standard screening has no designator
in this position.)
FIGURE 1: HUM-40 PIN OUT
FIGURE 2: HUM-70 PIN OUT
HUM - 70 / ES
Base Model
Output Power
Screening
(Standard screening has no designator
in this position.)
HOLD UP MODULE
MODEL NUMBERING KEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com