Electronic Components Datasheet Search
  English  ▼

X  

HUMMER Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HUMMER
Description  Powers DC/DC converters with 28 Vin nominal
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HUMMER Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HUMMER Datasheet HTML 1Page - Interpoint Corporation Company HUMMER Datasheet HTML 2Page - Interpoint Corporation Company HUMMER Datasheet HTML 3Page - Interpoint Corporation Company HUMMER Datasheet HTML 4Page - Interpoint Corporation Company HUMMER Datasheet HTML 5Page - Interpoint Corporation Company HUMMER Datasheet HTML 6Page - Interpoint Corporation Company HUMMER Datasheet HTML 7Page - Interpoint Corporation Company HUMMER Datasheet HTML 8Page - Interpoint Corporation Company HUMMER Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
®
HUMMER MODULE
40 OR 70 WATTS
1
FEATURES
• –55°C to +125°C
• 12 to 40 VDC input
• Sync on HUM-70
• Reduce hold-up
capacitance by 80%
• Powers DC/DC converters
with 28 Vin nominal
• Hold-up time
HUM-40 15 µs/µF
HUM-70 8.6 µs/µF
• Low power flag
• Inhibit function
MODELS
POWER OUTPUT
DESCRIPTION
Interpoint’s HUMMER™ Hold-Up Module Series provides a single
product solution to the problem of maintaining electronic system
operation during input power drop-out, typically reducing bulk
capacitance requirements by more than 80%. The HUMMER
module is compatible with the Interpoint DC/DC converters in
Section B1 that have a 28 VDC nominal input and a high input line
of 40 VDC.
The traditional procedure for providing hold-up during power loss is
to buffer the device with enough bulk capacitance to allow a
controlled shutdown to occur or an alternative power source to be
brought on line. The problem with this approach is that very large
capacitor banks are required because the capacitors are charged at
the relatively low voltage at which power fails.
The HUMMER Hold-Up Module provides an alternative with two
important advantages: 1) it effectively reduces the low line voltage
for normal DC/DC converter operation to 12 VDC thereby reducing
power drop-out events, and 2) it charges hold-up capacitors to 40
volts, reducing the capacitance needed to produce a given hold-up
time.
GENERAL OPERATION
The HUMMER module and two external components (a hold-up
capacitor and a diode) are connected between the line source and
the DC/DC converter as shown in Figure 3 (HUMMER Module
System Block Diagram.) If an EMI filter is employed, the HUMMER
module is connected between the filter and the converter). The
module first charges the external capacitor to 40 volts, and then
allows the converter to operate off the line voltage. When the line
voltage drops to between 12 to 18 VDC, a boost converter in the
module supplies an output at the capacitor charging voltage (40
VDC). If power fails (the input voltage drops below 12 VDC), the
converter is powered from the external hold-up capacitor.
HOLD UP MODULE
28 VOLT INPUT
HUM-40
40 watts
HUM-70
70watts
Size (max.): HUM-40, non flanged, Case F2
1.950 x 1.350 x 0.415 inches (49.53 x 34.29 x 10.54 mm)
HUM-40, flanged, Case J2
2.720 x 1.350 x 0.415 inches (69.09 x 34.29 x 10.54 mm)
HUM-70 Case U1
1.505 x 3.005 x 0.400 inches (38.23 x 76.33 x 10.16 mm)
See Section B8, cases F2, J2, and U1, for dimensions.
Weight:
HUM-40 50 grams max. (flanged 60 grams typical)
HUM-70 70 grams max.
Screening:
Standard or ES. See Section C2 for screening option and Section A5
for ordering information.


Similar Part No. - HUMMER

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
1Mb / 7P
Evaluation Module
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
7Mb / 25P
HumRCTM Series Master Development System
2018
HUM-2.4GHZ-RC LINX-HUM-2.4GHZ-RC Datasheet
3Mb / 35P
HumRCTM Series Remote Control and Sensor Transceiver
2016
logo
Interpoint Corporation ...
HUM-40 INTERPOINT-HUM-40 Datasheet
242Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HUM-40 CRANE-HUM-40 Datasheet
371Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
More results

Similar Description - HUMMER

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
DC-DC Converters Quarter Brick, 48 Vin Family
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com