Electronic Components Datasheet Search
  English  ▼

X  

MFW2812D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MFW2812D
Description  ??5째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2812D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MFW2812D Datasheet HTML 1Page - Interpoint Corporation Company MFW2812D Datasheet HTML 2Page - Interpoint Corporation Company MFW2812D Datasheet HTML 3Page - Interpoint Corporation Company MFW2812D Datasheet HTML 4Page - Interpoint Corporation Company MFW2812D Datasheet HTML 5Page - Interpoint Corporation Company MFW2812D Datasheet HTML 6Page - Interpoint Corporation Company MFW2812D Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
tHermaL management
CalCulatIng MaXIMuM aMbIEnt tEMpERatuRE
The mFW Series of dC/dC converters has an upper operating
temperature of + 85°C at the baseplate of the case. The degree of
heat sinking required to remain within this limit may be determined
from Figure 1 which shows the maximum allowed internal power dissi-
pation (PdISS vs. ambient temperature for various heat sink thermal
resistances. PdISS may be calculated as:
PdISS = PoUT / efficiency – PoUT
The efficiency for all combinations of PoUT and VIN for the various
models may be obtained from the graphs on the preceding pages.
Example:Converter = mFW2815d, TAmB = 70°C,
VIN = 28 VdC, PoUT = 45 watts
Efficiency = 85% (From Figure 7)
PdISS = (45 / 85) – 45 = 7.95 watts
From Figure 1 we can see that this situation will require thermal resis-
tance of approximately 4.5°C / watt.
Conversely we may also find the maximum ambient temperature
which can be tolerated if we know the heat sink thermal resistance.
Example:Converter = mFW2805S, VIN = 28 VdC, PoUT = 45 W.
thermalResistance=3°C/watt.
Efficiency = 83.5% (From Figure 3)
PdISS = (45 / 0.835) – 45 = 8.89 watts.
From Figure 1 we can see that the maximum allowed ambient temper-
ature is approximately 75°C.
hEat sInk RECOMMEnDatIOns
An mFW Series converter in still air (other than convective currents)
and with no conductive cooling paths other than through electrical
connections at the pins will exhibit a thermal resistance of approxi-
mately 4°C / watt. In cases where this value proves to be too high it is
recommended that additional heat sinking be supplied. The simplest
method of accomplishing this is to firmly attach the converter to a PCB
thereby providing a conductive thermal path. Secondly it is recom-
mended that airflow be provided over the converter. Although each
situation requires a thorough thermal analysis these two measures
can reduce the thermal resistance to as low as 2°C / watt. If calcula-
tions indicate further heat sinking is required it is recommended that
additional thermal mass be provided either under the base plate or on
top of the converter’s mounting flanges or both.
Degrees Centigrade
20
° 40° 60° 80° 100° 120° 140°
20
15
10
5
U=4
°C/
W
U=
3°C/
W
U=
2°C/
W
U=0
°C/
W
Internal Power Dissipation (max)
vs. Ambient Temperature
FIGuRE 1
pin Out
FIGuRE 2: PIN OuT
See case L for dimensions.
pin dual Output
triple Output
1
Positive Input
Positive Input
2
Case Ground
Case Ground
3
Input Common
Input Common
4
Inhibit/Sync In
Inhibit/Sync In
5
Negative output
Neg. Aux. output
6
Positive output
Positive Aux. output
7, 8 output Common
output Common
9, 10 No Connection
main (+5) output
Squared corner indicates pin one.
BOTTOM VIEW
MFW
1
2
3
4
5
6
7
8
9
10
mFwSeRIeS
70 WATT
DC/DC COnVERtERs
Page 4 of 7
mFwRevF20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com