Electronic Components Datasheet Search
  English  ▼

X  

MFW2812D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MFW2812D
Description  ??5째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2812D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MFW2812D Datasheet HTML 1Page - Interpoint Corporation Company MFW2812D Datasheet HTML 2Page - Interpoint Corporation Company MFW2812D Datasheet HTML 3Page - Interpoint Corporation Company MFW2812D Datasheet HTML 4Page - Interpoint Corporation Company MFW2812D Datasheet HTML 5Page - Interpoint Corporation Company MFW2812D Datasheet HTML 6Page - Interpoint Corporation Company MFW2812D Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Size (max.): 3.20 x 2.46 x 0.595 inches (81.3 x 62.5 x 15.11 mm)
See case L for dimensions.
Weight:
140 grams typical
Screening: Standard or ES. See screening table for more information.
modELS
VDC Output
Dual
±12
±15
tRIplE
+5 & ±12
+5 & ±15
description
The mFW Series™ of dC/dC converters offers up to 70 watts of power
from dual or triple outputs in one package. Using hybrid thick film tech-
nology a power density of over 20 watts per cubic inch is achieved.
These devices are packaged in hermetically sealed cold rolled steel
enclosures with a tin plate finish making them ideal for use in military,
aerospace, or other high reliability applications. Unscreened models
are guaranteed to pass a gross leak test (maximum leak rate of 0.001
atm-cc/sec). Environmentally screened units (designated by the /ES
suffix) are hermetically solder sealed. See Section C2 for screening
specifications.
DEsIgn MEthODOlOgy
The mFW Series converters utilize a quasi-square wave forward
converter design with a nominal switching frequency of 245 kHz.
Isolation between input and output is provided with a transformer in the
forward power loop and a wideband, temperature insensitive optical
link in the feedback control loop. output regulation is accomplished
with constant frequency pulse width modulation. In addition, the load
regulation of the single output models is further enhanced through
the use of remote output voltage sense pins to overcome the adverse
effects of line resistance voltage drops. Short circuit protection is
provided by detecting peak primary switching current on a cycle by
cycle basis and limiting it to approximately 130% of the full load input
current. This method results in quick and positive current limiting under
short circuit conditions.
lOw nOIsE
The mFW Series converters offer low noise on both the input and
output lines. A two section, four pole LC input filter is included to
provide very low reflected line ripple current. Adherence to mIL-STd-
461C (CE03) is possible with the addition of the FmB-461 filter. output
ripple is maintained at less than 50 mV p-p for single and dual output
models and 85 mV for triple output models.
wIDE VOltagE RangE
All models of the mFW Series are designed to provide full power
operation over an input voltage range of 19 to 40 VdC. operation
below an input of 19 volts, including operation in mIL-STd-704E emer-
gency power conditions, is possible with derated output power. Please
refer to the derating information and the low voltage drop-out graphs
(Figures 10 and 11) on the following pages.
wIDE tEMpERatuRE RangE
Full load operation of any of the mFW Series converters is available
at case temperatures of –55°C to + 85°C. operation up to +125°C is
possible with derated output power. The mFW Series converters are
provided in a flange mount case designed to facilitate the removal of
internally generated heat. Because of this, heat sinking requirements
are minimal. Sustained full power operation does however require that
an efficient heat sink be attached to the baseplate. Please refer to the
heat sink requirements section for more information.
InhIbIt/synC FEatuRE
Standard on all models of the mFW Series is a dual mode inhibit/sync
pin. This pin serves as both an output inhibit and as a synchronization
input. In the inhibit mode an open collector TTL compatible low (<0.8
V) will disable internal switching thereby inhibiting the unit’s output.
Inhibiting in this manner results in an extremely low quiescent current.
Since a pull-up resistor is included internally, this pin may be left open
should the inhibit function not be desired.
In a digital system it is often desirable to synchronize the input or
output ripple with the system clock. For this reason each model of the
mFW Series was designed to synchronize with a system clock applied
to the inhibit/sync pin. Please refer to the technical data section for
timing details for the external sync feature.
Features
• –55°Cto+85°Coperation
• 19to40VDCinput
• 50Vfor50mstransientprotection
• Fullyisolated
• Fixedfrequencyswitching
• Remotesenseonsinglemodels
• Inhibit/syncfunction
• Indefiniteshortcircuitprotection
• Upto84%efficiency
mFwSeRIeS
70 WATT
DC/DC COnVERtERs
28 VOlt Input
NOT RECOMMENDED FOR NEW DESIGNS
Page 1 of 7
mFwRevF20100212
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondwA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com


Similar Part No. - MFW2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFW2812D INTERPOINT-MFW2812D Datasheet
123Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
MFW2812D/ES INTERPOINT-MFW2812D/ES Datasheet
123Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MFW2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR120 INTERPOINT-HR120 Datasheet
430Kb / 6P
??0째C to 85째C operation 50 V for up to 50 ms transient protection
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
-40째C to 85째C operation Transient protection 50 V for 50 ms
HR300 INTERPOINT-HR300 Datasheet
449Kb / 6P
??0째 to 85째C operation Fixed frequency switching
HR700 INTERPOINT-HR700 Datasheet
480Kb / 7P
??0째C to 85째C operation 50 V for 50 ms transient protection
MTO812T INTERPOINT-MTO812T Datasheet
548Kb / 6P
??5째C to 85째 C operation 50 V for 50 ms transient protection
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Shoulder Electronics Li...
HDF1575AS6 SHOULDER-HDF1575AS6 Datasheet
201Kb / 9P
No impedance matching require for operation at 50
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
Ultra-fast settling time (down to 50 ms)
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
Ultra-fast settling time (down to 50 ms)
logo
WAGO Kontakttechnik Gmb...
753-423 WAGO-753-423 Datasheet
565Kb / 12P
4-channel digital input; 24 V AC/DC; 50 ms
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com