Electronic Components Datasheet Search
  English  ▼

X  

MHF2805D Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MHF2805D
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805D Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MHF2805D Datasheet HTML 4Page - Interpoint Corporation Company MHF2805D Datasheet HTML 5Page - Interpoint Corporation Company MHF2805D Datasheet HTML 6Page - Interpoint Corporation Company MHF2805D Datasheet HTML 7Page - Interpoint Corporation Company MHF2805D Datasheet HTML 8Page - Interpoint Corporation Company MHF2805D Datasheet HTML 9Page - Interpoint Corporation Company MHF2805D Datasheet HTML 10Page - Interpoint Corporation Company MHF2805D Datasheet HTML 11Page - Interpoint Corporation Company MHF2805D Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
notes
1. guaranteed by design, not tested.
2. For MHF+281r9, load regulation is tested from a 10 ma load to full load.
3. indefinite short circuit protection not guaranteed above 125°C (case).
4. recovery time is measured from application of the transient.
to the point at which vout is within regulation.
5. Step transition time >10 µs.
6. Step line is 20 - 32 - 20 vdC for MHF+281r39S.
electrical Characteristics: -55° to +125°C tC , 28 vdC vin, 100% load, free run, unless otherwise specified.
Single outPut ModelS
MHF+281r9S
MHF+283r3S
MHF+2805S
unitS
paraMeter
COnDitiOnS
Min
tyP
MaX
Min
tyP
MaX
Min
tyP
MaX
Output VOltage
1.84
1.90
1.96
3.20
3.30
3.40
4.85
5.00
5.15
vdC
Output Current
Vin = 16 tO 40 VDC
0
–
3.5
0
—
2.4
0
—
2.4
a
Output pOwer
Vin = 16 tO 40 VDC
0
—
6.65
0
—
8
0
—
12
W
Output ripple
tC = 25°C
—
7
30
—
30
80
—
30
80
mv p-p
10 kHz - 2 MHz
—
12
40
—
50
240
—
60
100
line regulatiOn
Vin = 16 tO 40 VDC
—
1
40
–
5
100
—
5
50
mv
lOaD regulatiOn
nO lOaD tO Full 2
—
35
55
–
20
50
—
20
50
mv
input VOltage
nO lOaD tO Full
COntinuOuS
20
28
32
16
28
40
16
28
40
vdC
tranSient 50 ms 1
—
—
35
—
—
50
—
—
50
v
input Current
nO lOaD
—
16
35
—
25
40
—
25
40
ma
inHiBiteD
—
2
7
—
5
12
—
5
12
input ripple Current
tC = 25°C
—
30
60
–
45
80
—
35
80
ma p-p
10 kHz - 10 MHz
—
—
70
—
—
120
—
—
100
eFFiCienCy
56
62
—
67
75
–
72
77
—
%
lOaD Fault 3, 4
pOwer DiSSipatiOn
SHOrt CirCuit
—
4
8
—
5
8
—
3.5
6
W
reCOVery 1
—
5
30
—
7.5
30
—
7.5
30
ms
Step lOaD
reSpOnSe 4, 5
50% - 100% - 50%
tranSient
—
±75
±500
—
±150
±400
—
±150
±400
mv pk
reCOVery
—
500
2000
—
150
300
—
150
300
µs
Step line
reSpOnSe 1, 4, 5
16 - 40 - 16 VDC 6
tranSient
—
±300
±600
—
±550
±800
—
±550
±800
mv pk
reCOVery
—
0.5
1.2
—
0.8
1.2
—
0.8
1.2
ms
Start-up 5
Delay
—
12
35
–
10
25
—
10
25
ms
OVerSHOOt 1
—
500
850
—
200
300
—
100
600
mv pk
CaPaCitive load 1
—
—
100
–
–
300
–
–
300
µF
www.interpoint.com
Page 8 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com