Electronic Components Datasheet Search
  English  ▼

X  

MHF2805D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MHF2805D
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MHF2805D Datasheet HTML 1Page - Interpoint Corporation Company MHF2805D Datasheet HTML 2Page - Interpoint Corporation Company MHF2805D Datasheet HTML 3Page - Interpoint Corporation Company MHF2805D Datasheet HTML 4Page - Interpoint Corporation Company MHF2805D Datasheet HTML 5Page - Interpoint Corporation Company MHF2805D Datasheet HTML 6Page - Interpoint Corporation Company MHF2805D Datasheet HTML 7Page - Interpoint Corporation Company MHF2805D Datasheet HTML 8Page - Interpoint Corporation Company MHF2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DESCRIPTION
MHF+ Single and dual dC/dC ConverterS
the MHF+ Single and dual Series™ of high frequency dC/
dC converters offers a wide input voltage range of 16 to 40
volts (MHF+281r9S, 20 to 32 volts) and up to 15 watts of
output power. the units are capable of withstanding short
term transients up to 50 volts. the converters are offered with
standard screening, “eS” screening, or fully compliant to “883”
Mil-PrF-38534 Class H screening. Standard microcircuit
drawings (SMd) are available.
Converter Design
the MHF+ converters are switching regulators that use a
quasi-square wave, single-ended forward converter design with
a constant switching frequency of 550 kHz typical. isolation
between input and output circuits is provided with a transformer
in the forward path and a temperature compensated optical link
in the feedback control loop. See Figure 1.
For the MHF+ dual output models, good cross regulation is
maintained by tightly coupled output magnetics. up to 90%
of the total output power (80% on 2805d) is available from
either output, providing the opposite output is simultaneously
carrying 10% of the total output power (20% on 2805d models).
Predictable current limit is accomplished by directly monitoring
the output load current and providing a constant current output
above the overload point.
inhibit FunCtion
MHF+ converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output current and very
low quiescent input current. the converter is inhibited when an
active low of ≤0.8 V is applied to the inhibit pin. The unit is
enabled when the pin, which is internally connected to a pull-up
resistor, is left unconnected or is connected to an open-collector
gate. the open circuit output voltage associated with the inhibit
pin is 8.5 to 12 v. in the inhibit mode, a maximum of 4 ma must
be sunk from the inhibit pin. See Figure 3.
synChronization
an external synchronization feature is included that allows the
user to adjust the nominally 550 kHz operating frequency to
any frequency within the range of 500 kHz to 600 kHz. this is
initiated by applying a signal input of the desired frequency to
pin 5. the capacitively coupled sync input will synchronize on
a differential signal of as low as 4 volts to as high as 5 v. For
single and dual output models, if the sync function is not used,
connect the terminal to input common.
short CirCuit ProteCtion
MHF+ Series single and dual output converters provide short
circuit protection by restricting the output current to approximately
115% of the
full load output current. the output current is sensed in the
secondary stage to provide highly predictable and accurate
current limiting, and to eliminate foldback characteristics.
unDervoltage loCkout
undervoltage lockout prevents the single and dual output
converters from operating below approximately 14 vdC input
voltage to keep system current levels smooth, especially during
initialization or re-start operations.
Features
Only 0.33 inches (8.38 mm) high in a
hermetically sealed case
operating temperature –55° to +125°C
•
input voltage 16 to 40 vdC
•
- MHF+281r9S 20 to 32 vdC
- triple output models16 to 48 vdC
transient protection
•
- Single and dual: 50 v for 50 ms
- triple: 80 v for 120 ms
Fully isolated
•
Fixed high frequency switching
•
inhibit and synchronization functions
•
indefinite short circuit protection
•
up to 84% efficiency
•
ModelS
VDC Output
Single
1.9
3.3
5
5.2
5.3
12
15
28
dual
±5
±12
±15
triPle
+5 & ±12
+5 & ±15
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
Crane aerospace & electronics
electronics group (interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • power@crane-eg.com
www.interpoint.com
Page 1 of 23
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113


Similar Part No. - MHF2805D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
mhf2805d/883 INTERPOINT-mhf2805d/883 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHF2805DF/883 INTERPOINT-MHF2805DF/883 Datasheet
314Kb / 21P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHF2805D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
HERMETICALLY SEALED TO-5 CASE
logo
Seme LAB
2N4928CSM SEME-LAB-2N4928CSM Datasheet
20Kb / 2P
GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
Hermetically Sealed Threaded Case Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com