Electronic Components Datasheet Search
  English  ▼

X  

ST1S12GR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S12GR
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12GR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S12GR Datasheet HTML 8Page - STMicroelectronics ST1S12GR Datasheet HTML 9Page - STMicroelectronics ST1S12GR Datasheet HTML 10Page - STMicroelectronics ST1S12GR Datasheet HTML 11Page - STMicroelectronics ST1S12GR Datasheet HTML 12Page - STMicroelectronics ST1S12GR Datasheet HTML 13Page - STMicroelectronics ST1S12GR Datasheet HTML 14Page - STMicroelectronics ST1S12GR Datasheet HTML 15Page - STMicroelectronics ST1S12GR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical performance characteristics
ST1S12XX, ST1S12XX12, ST1S12XX18
12/20
Doc ID 14314 Rev 3
Figure 10.
Efficiency vs. temperature
Figure 11.
Supply current vs. temperature
Figure 12.
Quiescent current vs. temperature
Figure 13.
Enable voltage vs. temperature
Figure 14.
Enable voltage vs. temperature
Figure 15.
Reference line regulation vs.
temperature
IOUT=100mA
I
OUT=700mA
0
10
20
30
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VIN=VEN=3V, VOUT=1.2V
IOUT=100mA
I
OUT=700mA
0
10
20
30
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VIN=VEN=3V, VOUT=1.2V
1
2
3
4
5
6
7
8
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3V, VOUT=1.2V, No Load
1
2
3
4
5
6
7
8
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3V, VOUT=1.2V, No Load
350
370
390
410
430
450
470
490
510
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, VFB=0.65V, CIN=COUT=10µF, No Switching
350
370
390
410
430
450
470
490
510
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN=VEN=3.6V, VFB=0.65V, CIN=COUT=10µF, No Switching
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
IN=2.5V, IOUT=10mA, CIN=COUT=10µF, VOUT=1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
IN=2.5V, IOUT=10mA, CIN=COUT=10µF, VOUT=1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
IN=5.5V, IOUT=10mA, CIN= COUT=10µF, VOUT=1.8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
IN=5.5V, IOUT=10mA, CIN= COUT=10µF, VOUT=1.8V
-0.6
-0.4
-0.2
-0
0.2
0.4
0.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VIN=VEN= 2.5V to 5.5V, CIN=COUT=10µF, IOUT=10mA, VOUT=1.8V
-0.6
-0.4
-0.2
-0
0.2
0.4
0.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VIN=VEN= 2.5V to 5.5V, CIN=COUT=10µF, IOUT=10mA, VOUT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com