Electronic Components Datasheet Search
  English  ▼

X  

ST1S12GR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1S12GR
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12GR Datasheet(HTML) 3 Page - STMicroelectronics

  ST1S12GR Datasheet HTML 1Page - STMicroelectronics ST1S12GR Datasheet HTML 2Page - STMicroelectronics ST1S12GR Datasheet HTML 3Page - STMicroelectronics ST1S12GR Datasheet HTML 4Page - STMicroelectronics ST1S12GR Datasheet HTML 5Page - STMicroelectronics ST1S12GR Datasheet HTML 6Page - STMicroelectronics ST1S12GR Datasheet HTML 7Page - STMicroelectronics ST1S12GR Datasheet HTML 8Page - STMicroelectronics ST1S12GR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ST1S12XX, ST1S12XX12, ST1S12XX18
Schematic
Doc ID 14314 Rev 3
3/20
1
Schematic
Figure 1.
Schematic diagram
Driver
OSC
Σ
Rsense
VIN
SW
FB/VO
MOSFET
Comp
Driver
CONTROL
LOGIC
SOFT START
REF1
Gnd
DMD
I_SEN
VC
VSUM
DMD
VRST
VSET
VDRV_P
VDRV_N
UVLO
SHUT DOWN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com