Electronic Components Datasheet Search
  English  ▼

X  

LA4613 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4613
Description  Audio Power Amplifier for Radio Cassette Recorders
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4613 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4613 Datasheet HTML 1Page - Sanyo Semicon Device LA4613 Datasheet HTML 2Page - Sanyo Semicon Device LA4613 Datasheet HTML 3Page - Sanyo Semicon Device LA4613 Datasheet HTML 4Page - Sanyo Semicon Device LA4613 Datasheet HTML 5Page - Sanyo Semicon Device LA4613 Datasheet HTML 6Page - Sanyo Semicon Device LA4613 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA4613
No. 6014-2/7
Recommended Operating Conditions at Ta = 25
°C
Electrical Characteristics at Ta = 25
°C, VCC= 15V, RL = 3Ω , f = 1 kHz
Block Diagram
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
15
V
Recommended load resistance
RL
3
Ω
Operating supply voltage range
VCC op
Within maximum ratings
V
Operating load resistance range
Ω
5.0 to 22
2.7 to 8
13
CH1 input
CH2 input
Small signal
GND
CH1 output
CH1 output
Large signal
GND
9
4
12
11
8
7
10
1
2
5
6
3
Standby
P.P
N.C
Filter
N.C
N.C
VCC
CH2 input
amplifier
Output
amplifier
Predrive
amplifier
Pop noise prevention block
Standby switching
Ripple filter
TSD protector
CH1 input
amplifier
Output
amplifier
Predrive
amplifier
REF
amplifier
RNf1
Rf1
Rf2
RNf2
min
typ
max
Standby current
Ist
Standby pin –> GND
1.0
10
µA
Quiescent current
Icco
Rg=0
20
35
70
mA
Voltage gain
VG
Vo=0 dBm
43.0
45.0
47.0
dB
Total harmonic distortion
THD
Po=1w
0.2
0.8
%
Output noise voltage
Vno
Rg=0, DIN AUDIO
0.15
0.5
mV
Output voltage
Po1
THD=10%
6.0
7.0
W
Po2
Vcc=9V, RL=4
Ω, THD=10%
1.5
2.0
W
Channel separation
Chsep
Vo=0 dBm, Rg=0, DIN AUDIO
50
60
dB
Ripple rejection ratio
SVRR
Vr=0 dBm, Rg=0, fr=100 Hz
DIN AUDIO
45
55
dB
Stanby ON voltage
Vst
1.5
5.0
V
Input resistance
Ri
20
30
40
k
Ω
Ratings
Parameter
Symbol
Conditions
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com