Electronic Components Datasheet Search
  English  ▼

X  

LA4613 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4613
Description  Audio Power Amplifier for Radio Cassette Recorders
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4613 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4613 Datasheet HTML 1Page - Sanyo Semicon Device LA4613 Datasheet HTML 2Page - Sanyo Semicon Device LA4613 Datasheet HTML 3Page - Sanyo Semicon Device LA4613 Datasheet HTML 4Page - Sanyo Semicon Device LA4613 Datasheet HTML 5Page - Sanyo Semicon Device LA4613 Datasheet HTML 6Page - Sanyo Semicon Device LA4613 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA4613
No. 6014-3/7
Sample Application
13
ch1
Input
ch2
Input
PRE GND
ch1
Output
ch2
Output
POWER GND
9
4
+
+
12
11
8
+
7
10
1
2
5
6
3
STANDBY
P.P
N.C
Filter
N.C
N.C
VCC
0.22
µF
+5V
0.22
µF
4.7
µF
100
µF
1000
µF
1000
µF
1000
µF
3
Ω
3
Ω
A11492
LA4613
2
0
4
6
8
10
12
14
15
16
–20
0
20
40
60
80
100
Pd max – Ta
Ambient temperature, Ta – ˚C
100X100X1.5mm
3
11.7
50X50X1.5mm
3
5.8
No radiator fin
Apply
silicone
grease
With an arbitrary large heatsink
AI
heatsink
fastening
torque
39N•cm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com