Electronic Components Datasheet Search
  English  ▼

X  

LA4629 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4629
Description  Two-Channel Audio Frequency Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4629 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4629 Datasheet HTML 1Page - Sanyo Semicon Device LA4629 Datasheet HTML 2Page - Sanyo Semicon Device LA4629 Datasheet HTML 3Page - Sanyo Semicon Device LA4629 Datasheet HTML 4Page - Sanyo Semicon Device LA4629 Datasheet HTML 5Page - Sanyo Semicon Device LA4629 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA4629
No.6502-2/6
Operating Characteristics at Ta = 25
°C, VCC = 12V, RL = 3 Ω, f = 1 kHz, Rg = 600 Ω
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Quiescent current
ICCO
Rg = 0
18
35
80
mA
Standby current
IST
1.0
10
µA
Voltage gain
VG
VO = 0 dBm
43
45
47
dB
Output power
PO(1)
THD = 10 %
3.0
4.5
W
PO(2)
VCC = 12 V, RL = 4 Ω, THD = 10 %
4.0
W
PO(3)
VCC = 9 V, RL = 3 Ω, THD = 10 %
2.0
2.5
W
PO(4)
VCC = 9 V, RL = 4 Ω, THD = 10 %
2.0
W
Total harmonic distortion
THD
PO = 1 W
0.2
0.8
%
Output noise voltage
VNO
Rg = 0, DIN AUDIO
0.15
0.5
mV
Ripple rejection ratio
SVRR
Rg = 0, fR = 100 Hz, Vr = 0 dBm, DIN AUDIO
45
55
dB
Channel separation
CHsep
Rg = 0, VO = 0 dBm, DIN AUDIO
43
50
dB
Input resistance
Ri
20
30
40
k
Ω
Standby pin voltage
VST
The pin 6 voltage such that the amplifier is on
1.5
5.0
V
Application Circuit
Pd max -- Ta
ILA00180
28
20
24
16
25
8
4
12
0
--20
20
060
40
100
80
With an arbitrarily large heat sink
Aluminum heat sink mounted with a torque of 39 N •cm,
flat washers, and with silicone grease applied.
Mounted on the
Sanyo-recommended
printed circuit board
100 ! 100 ! 1.5 mm3
50 ! 50 ! 1.5 mm3
Independent IC
12.5
7.0
3.6
3.2
Ambient temperature, Ta --
°C
RL
OUT2
VCC
RL
+
LA4629
OUT1
NC
NC
POWER
GND
PRE
GND
STBY
RF
P. P
IN1
IN2
Top view
IN2
ILA00074
+
+
+
+
+
+
12
3
4
5
6
7
8
9
10
11
12
• Pins 4 and 11 must be left open.
*• Rx: If the STBY pin (pin 6) is used, observe the following:
Insert the resistor Rx in series to limit the inflowing current.
(The amplifier will be on when a voltage is applied to pin 6.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com