Electronic Components Datasheet Search
  English  ▼

X  

LA4629 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA4629
Description  Two-Channel Audio Frequency Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4629 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4629 Datasheet HTML 1Page - Sanyo Semicon Device LA4629 Datasheet HTML 2Page - Sanyo Semicon Device LA4629 Datasheet HTML 3Page - Sanyo Semicon Device LA4629 Datasheet HTML 4Page - Sanyo Semicon Device LA4629 Datasheet HTML 5Page - Sanyo Semicon Device LA4629 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA4629
No.6502-4/6
3. FILTER (decoupling) pin (pin 7)
The pin voltage is about 1/2 VCC.
The recommended value for the filter capacitor is 100
µF.
The pulse noise that occurs when the standby pin is set low (power off) will be degraded if a value under 100
µF is
used.
4. P.P (pulse noise) pin (pin 8)
Pin 8 pin voltage
≈ VCC - VCE (about 0.3 V) - 5.6 V
+ 5.6 V
2 k
Ω
• The recommended value for the P.P capacitor is 4.7
µF.
The pulse noise that occurs when the standby pin is set low (power off) will
be degraded if a value under 2.2
µF is used.
Furthermore, if a value over 10
µF is used, the signal may not be cut off and
sound may remain audible when the standby pin is set low (power off).
5. MUTE (Muting)
The output signal can be controlled by shifting the pin 7 (FILTER) level towards ground with a 300 to 500
Ω resistor.
However, note that the degree of suppression is reduced if a value of 750
Ω or more is used.
ILA00078
ILA00079
Filter capacitor = 100
µF
Filter capacitor = 47
µF
Output DC voltage
Output DC voltage
AC voltage (100 mV)
AC voltage (200 mV)
VCC
8
ILA00080
Zener voltage
= 5.6 V
To the input amplifier
block/bias system
ILA00081
Mute ON
Mute OFF
Output DC voltage
Output AC voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com