Electronic Components Datasheet Search
  English  ▼

X  

MTW2812D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MTW2812D
Description  ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTW2812D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MTW2812D Datasheet HTML 1Page - Interpoint Corporation Company MTW2812D Datasheet HTML 2Page - Interpoint Corporation Company MTW2812D Datasheet HTML 3Page - Interpoint Corporation Company MTW2812D Datasheet HTML 4Page - Interpoint Corporation Company MTW2812D Datasheet HTML 5Page - Interpoint Corporation Company MTW2812D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
typical characteristics
recommended operating conditions
absolute maximum ratings
inhibit
input Voltage
• 18 to 40 VDC (19 to 40 VDC MTW2805S)
output power
• 30 watts
Lead soldering temperature (10 sec per lead)
• 300°C
storage temperature range (case)
• –55°C to +125°C
output Voltage temperature coefficient
• 100 ppm/°C, typical
input to output capacitance
• 80 pF typical single output models
• 70 pF typical MTW2812D
• 60 pF typical MTW2815D
current Limit
• 125% of full load typical
isolation
• 100 megohm minimum at 500 V
conversion Frequency
• 240 to 300 kHz
inhibit pin Voltage (unit enabled)
• 11 to 15 V single output models
• 8 to 12 V MTW2812D
• 10 to 14 V MTW2815D
input Voltage range
• 18 to 40 VDC continuous (19 to 40 MTW2805S)
• 50 V for 50 msec transient
case operating temperature (tc)
• –55°C to +85°C full power
• –55°C to +115°C absolute
derating output power/current
• Linearly from 100% at 85°C to 0% at 115° C
inhibit ttL open collector
• Logic low (output disabled)
Inhibit pin current 1 mA typical
• Referenced to input common
• Logic high (output enabled)
Open collector
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1.For MTW2805S, with the remote sense pins connected to the load
and no resistance between the output pins and load.
2.A low output impedance power source is required on the input to
realize this start-up time. If less than full surge current is available,
start-up time will be longer
CAUTION
Permanent damage to the MTW2805S will result if pin 6 is shorted to ground.
Damage may also result if pin 4 or pin 5 is disconnected from the load during
operation with the remote sense leads connected to the load. If remote sense pins
are not connected to the load, the output voltage of the MTW2805S will rise to
approximately 6.2 VDC measured across pins 4 and 5.
SINgLE OUTPUT MODELS
MTW2805S
MTW2812S
MTW2815S
units
paraMeter
COnDitiOns
Min
tYp
MaX Min tYp MaX Min
tYp
MaX
Output VOltage
4.95
5.0
5.05 11.88 12.0 12.12 14.85 15.0 15.15
VDC
Output Current
—
—
6.0 —
—
2.5 —
—
2.0
A
Output pOwer
tC
= -55°C tO +85°C —
—
30.0 —
—
30.0 —
—
30.0
W
Output ripple
bw
≤ 2 MHz
—
30
50 —
30
65 —
30
65
mV p-p
line regulatiOn1
Min tO MaX Vin
—
7
20 —
10
25 —
10
25
mV
lOaD regulatiOn1
nO lOaD tO full
—
5
20 —
10
20 —
10
20
mV
input VOltage
tC
= -55°C tO +85°C
nO lOaD tO full
19
28
40
—
—
50
18
28
40
—
—
50
18
28
40
—
—
50
VDC
transient
50 ms
input Current
nO lOaD
—
15
20
—
—
1370
—
—
15
—
20
35
—
—
1400
—
—
22
—
20
35
—
—
1400
—
—
22
mA
full lOaD
inhibiteD
input ripple
bw
≤ 2 MHz
—
5
10 —
10
20 —
10
20
mA p-p
effiCienCY
80
82
— 82
84
— 84
86
—
%
start
-up
DelaY2
—
15
—
—
300
—
—
30
—
—
400
—
—
40
—
—
400
—
ms
mV
OVershOOt
MTW SERIES
30 WATT
DC/DC COnVerters
Page 2 of 6
MTW Rev C 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com